Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1622 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP1622
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1622 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP1622 Datasheet HTML 1Page - Interpion semiconductor IP1622 Datasheet HTML 2Page - Interpion semiconductor IP1622 Datasheet HTML 3Page - Interpion semiconductor IP1622 Datasheet HTML 4Page - Interpion semiconductor IP1622 Datasheet HTML 5Page - Interpion semiconductor IP1622 Datasheet HTML 6Page - Interpion semiconductor IP1622 Datasheet HTML 7Page - Interpion semiconductor IP1622 Datasheet HTML 8Page - Interpion semiconductor IP1622 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
April.2003 (Rev.1)
- 5 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25
OC, unless otherwise specified.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
RESET PART
Detection voltage
Vd
Vin=L/H/L
4.0
4.2
4.4
V
Td threshold voltage
Vtd
RL=4.7K, Vtd=variable
1.5
1.65
1.8
V
Hysteresis voltage
Vhys
RL=4.7K, Vin=L/H/L
0.2
0.6
0.9
V
Detection reference volt-
age temperature coeff-
cient
*Note1
TCVd
Ta= -20
OC ~ +85OC
-
± 0.01
-
%/
OC
Reset output current
IRESET
Vd=0V, VRESET=0.4V
3
-
-
mA
High level output voltage
Voh
RL=4.7K
3.8
4.5
4.8
V
Low level output voltage
Vol
RL=4.7K
-
0.1
0.4
V
“H” transport delay time
tdLH
RL=4.7K, Cd=0.22uF
-
40
-
ms
“L” transport delay time
tdHL
RL=4.7K, Cd=0.22uF
-
50
-
us
* Note1
These parameters are guaranteed, but not 100% tested in mass production.
* Note2
Don
’t exceed the specified current limit in each output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com