Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1622 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1622
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1622 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1622 Datasheet HTML 1Page - Interpion semiconductor IP1622 Datasheet HTML 2Page - Interpion semiconductor IP1622 Datasheet HTML 3Page - Interpion semiconductor IP1622 Datasheet HTML 4Page - Interpion semiconductor IP1622 Datasheet HTML 5Page - Interpion semiconductor IP1622 Datasheet HTML 6Page - Interpion semiconductor IP1622 Datasheet HTML 7Page - Interpion semiconductor IP1622 Datasheet HTML 8Page - Interpion semiconductor IP1622 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April.2003 (Rev.1)
- 1 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
www.interpionsemi.com
- 1-Fixed 3.4V LDO regulator with internal NPN TR.
- 1-Fixed 1.65V LDO regulator with internal NPN TR.
- Typical reset detection voltage of 4.2V.
- Built-in TSD circuit.
- Built-in current limit circuit.
- Built-in over voltage protection circuit.
- Output trimmed to +/-3% tolerance.
DESCRIPTION
FEATURES
Device
Package
Operating Temp
IP1622
14SOPH-8L
-35
OC ~ +85OC
ORDERING INFORMATION
14SOPH-8L
BLOCK DIAGRAM
The IP1620 is an integrated circuit that has triple LDO
regulators and one reset circuit. All the LDO regulators
have their own internal npn power transistors and their
nominal output voltages are 1.65V and 3.4V, respectively.
The reset circuit monitors the status of the regulator input
voltage and outputs the RESET signal. RESET becomes
high after the delay time that is determined by the exter-
nal capacitor at Td pin. The delay time begins to start
after the input voltage reaches above 4.2V.


Similar Part No. - IP1622

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
List of Unclassifed Man...
IP1621254A02 ETC2-IP1621254A02 Datasheet
1Mb / 12P
4mm thick Iridium Patch Antenna, 1621MHz
More results

Similar Description - IP1622

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
LDO Voltage Regulator IC
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
logo
Anpec Electronics Corop...
APL5538 ANPEC-APL5538 Datasheet
382Kb / 17P
Dual Channel 300mA Regulator Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com