Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4011 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP4011
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4011 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP4011 Datasheet HTML 1Page - Interpion semiconductor IP4011 Datasheet HTML 2Page - Interpion semiconductor IP4011 Datasheet HTML 3Page - Interpion semiconductor IP4011 Datasheet HTML 4Page - Interpion semiconductor IP4011 Datasheet HTML 5Page - Interpion semiconductor IP4011 Datasheet HTML 6Page - Interpion semiconductor IP4011 Datasheet HTML 7Page - Interpion semiconductor IP4011 Datasheet HTML 8Page - Interpion semiconductor IP4011 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
- 5 -
August. 2002 (Rev.5)
WWW.INTERPIONSEMI.COM
IP4011
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY
- Reference & all mute
When you want to control output bias current of the IP4011, use pin #23 as follows
Pin#23
Mute
Above1.0V
off
Below 1.0V
on
All Output
Driver Bias
VCC2
23
Q1
1V
30k
- Mute
When you want to control output bias current of the IP4011, you can also use pin#7 as follows
All Output
Driver Bias
VCC2
20k
20k
7
Q2
Q3
Pin#7
Mute
High
off
Low
on
Fig1. Reference & all mute function
Fig2. Mute function
As shown in figure 1,
Pin#23 is a negative input of the comparator,
and the other Input is the 1.0V reference.
If the voltage of the pin#23 falls below 1.0V,
TR Q1 will be turned on and the output bias current
will be shut down
As shown in figure 2,
Pin#7 is a base input of the TR Q2.
If the voltage of the pin#7 is low or open,
TR Q2 will be turned off and TR Q3 will be turned on,
so the bias current will be shut down by TR Q3.
If the voltage of the pin#7 is high,
the bias circuit operates normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com