Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4011 Datasheet(PDF) 8 Page - Interpion semiconductor

Part # IP4011
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4011 Datasheet(HTML) 8 Page - Interpion semiconductor

Back Button IP4011 Datasheet HTML 4Page - Interpion semiconductor IP4011 Datasheet HTML 5Page - Interpion semiconductor IP4011 Datasheet HTML 6Page - Interpion semiconductor IP4011 Datasheet HTML 7Page - Interpion semiconductor IP4011 Datasheet HTML 8Page - Interpion semiconductor IP4011 Datasheet HTML 9Page - Interpion semiconductor IP4011 Datasheet HTML 10Page - Interpion semiconductor IP4011 Datasheet HTML 11Page - Interpion semiconductor IP4011 Datasheet HTML 12Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
- 8 -
August. 2002 (Rev.5)
WWW.INTERPIONSEMI.COM
IP4011
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Tray motor drive part
CH5 is a forward-reverse control DC motor driver and it is composed of logic control part,
level shifter, and output power amp.
Pref
Switching
Logic
Level
Shift
Speed
Control
R1
R2
R3
R4
R5
20
9
14
15
16
VCC1
50K
50K
The forward and reverse rotation is controlled by pin9(fwd), pin14(rev) and the amplitude of the
output voltage is controlled by pin20(CTL).
The output status due to the input conditions are as follows
Fig5. Tray drive part
INPUT
FWD(PIN9)
REV(PIN14)
DO5+(PIN15)
DO5-(PIN16)
STATUS
High
High
Vp
Vp
Brake
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
Low
Low
Vp
Vp
Brake
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com