Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMS-100 Datasheet(PDF) 3 Page - CUI INC

Part # VMS-100
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-100 Datasheet(HTML) 3 Page - CUI INC

  VMS-100 Datasheet HTML 1Page - CUI INC VMS-100 Datasheet HTML 2Page - CUI INC VMS-100 Datasheet HTML 3Page - CUI INC VMS-100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 05/06/2021
page 3 of 4
CUI Inc
│ SERIES: VMS-100 │ DESCRIPTION: AC-DC POWER SUPPLY
26.67 1.050
max
0.118
3.00
max
1.60 0.063
1
2
RS+
VR
connector
Molex 5227
7
8
4
6
5
3
Molex 5273
connector
RS-
64.90 2.555
5.000
127.00
4.546
115.48
3.000
76.20
5.70 0.224
MECHANICAL DRAWING
units: mm [inch]
tolerance: mm: ±0.5
inch: ±0.02
CN1
1
AC Line
2
No pin
3
AC Neutral
CN2
1
-Vo
2
-Vo
3
-Vo
4
-Vo
5
+Vo
6
+Vo
7
+Vo
8
+Vo
DERATING CURVES
CN3
RS- Remote Voltage
Sense -
RS+ Remote Voltage
Sense +
Note:
1. All specifications measured at 25°C, 115/230Vac input voltage, and 75% load unless otherwise noted.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com