Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMS-100 Datasheet(PDF) 1 Page - CUI INC

Part # VMS-100
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-100 Datasheet(HTML) 1 Page - CUI INC

  VMS-100 Datasheet HTML 1Page - CUI INC VMS-100 Datasheet HTML 2Page - CUI INC VMS-100 Datasheet HTML 3Page - CUI INC VMS-100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 05/06/2021
page 1 of 4
SERIES: VMS-100
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple and
noise1,2
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VMS-100-5
5
20
100
100
85
VMS-100-9
9
11.2
100
90
88
VMS-100-12
12
8.4
100
120
89
VMS-100-15
15
6.7
100
150
89
VMS-100-18
18
5.6
100
180
90
VMS-100-24
24
4.2
100
240
91
VMS-100-28
28
3.6
100
280
91
VMS-100-36
36
2.8
100
360
91
VMS-100-48
48
2.1
100
480
91
Notes:
1. VMS-100-5: Measured at 20MHz, with 0.1µF ceramic and 220µF electrolytic capacitors
2. All other models: Measured at 20MHz, with 0.1µF ceramic and 10µF electrolytic capacitors
PART NUMBER KEY
VMS-100 - XX
Base Number
Output Voltage
FEATURES
• up to 100 W continuous power
• industry standard 3” x 5” footprint
• universal input (90~264 Vac)
• single output from 5 to 48V
• no load power consumption < 0.5W
• over voltage and short circuit protections
• full medical approvals
• built-in active PFC function
• built-in remote sense function
• no minimum load required
• efficiency up to 91%
RoHS
Additional Resources: Product Page | 3D Model


Similar Part No. - VMS-100

ManufacturerPart #DatasheetDescription
logo
CUI INC
VMS-100 CUI-VMS-100 Datasheet
324Kb / 4P
AC-DC POWER SUPPLY
VMS-100-12 CUI-VMS-100-12 Datasheet
376Kb / 4P
AC-DC POWER SUPPLY
VMS-100-12 CUI-VMS-100-12 Datasheet
324Kb / 4P
AC-DC POWER SUPPLY
VMS-100-15 CUI-VMS-100-15 Datasheet
376Kb / 4P
AC-DC POWER SUPPLY
VMS-100-15 CUI-VMS-100-15 Datasheet
324Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - VMS-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com