Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9004AL Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP9004AL
Description  5-CH MOTOR DRIVE IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9004AL Datasheet(HTML) 5 Page - Interpion semiconductor

  IP9004AL Datasheet HTML 1Page - Interpion semiconductor IP9004AL Datasheet HTML 2Page - Interpion semiconductor IP9004AL Datasheet HTML 3Page - Interpion semiconductor IP9004AL Datasheet HTML 4Page - Interpion semiconductor IP9004AL Datasheet HTML 5Page - Interpion semiconductor IP9004AL Datasheet HTML 6Page - Interpion semiconductor IP9004AL Datasheet HTML 7Page - Interpion semiconductor IP9004AL Datasheet HTML 8Page - Interpion semiconductor IP9004AL Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August. 2004 (Rev. 0)
- 5 -
IP9004A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
(VCC=8V, RL = 8ohm, Ta = 25OC unless otherwise specified.)
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
[ REGULATOR PART ]
Output voltage
VREG
IL=100mA
4.7
5.0
5.3
V
Load Regulation
ΔVom
IL=0->200mA
-50
0
50
mV
Line Regulation
ΔVcc
Vcc=6->10V,IL=100mA
-60
0
60
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com