Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9004AL Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP9004AL
Description  5-CH MOTOR DRIVE IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9004AL Datasheet(HTML) 2 Page - Interpion semiconductor

  IP9004AL Datasheet HTML 1Page - Interpion semiconductor IP9004AL Datasheet HTML 2Page - Interpion semiconductor IP9004AL Datasheet HTML 3Page - Interpion semiconductor IP9004AL Datasheet HTML 4Page - Interpion semiconductor IP9004AL Datasheet HTML 5Page - Interpion semiconductor IP9004AL Datasheet HTML 6Page - Interpion semiconductor IP9004AL Datasheet HTML 7Page - Interpion semiconductor IP9004AL Datasheet HTML 8Page - Interpion semiconductor IP9004AL Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
August. 2004 (Rev. 0)
- 2 -
IP9004A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
PIN DESCRIPTIONS
PIN CONNECTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
FWD
I
Forward Input
2
OPIN1(+)
I
CH1 OP-AMP Input (+)
3
OPIN1(-)
I
CH1 OP-AMP Input ( - )
4
OPOUT1
O
CH1 OP-AMP Output
5
OPIN2(+)
I
CH2 OP-AMP Input (+)
6
OPIN2(-)
I
CH2 OP-AMP Input ( - )
7
OPOUT2
O
CH2 OP-AMP Output
8
MSC
I
MOTOR SPEED CONTROL
9
GND
-
GROUND
10
Vcc
I
Supply Voltage
11
VOL
(-)
O
LOADING OUPUT(-)
12
VOL
(+)
O
LOADING OUPUT(+)
13
VO2
(-)
O
CH2 OUPUT(-)
14
VO2
(+)
O
CH2 OUPUT(+)
15
VO1
(-)
O
CH1 OUPUT(-)
16
VO1
(+)
O
CH1 OUPUT(+)
NO
SYMBOL
I/O
DESCRIPTION
17 VO4
(+)
O
CH4 OUPUT(-)
18 VO4
(-)
O
CH4 OUPUT(+)
19 VO3
(+)
O
CH3 OUPUT(-)
20 VO3
(-)
O
CH3 OUPUT(+)
21 GND
-
GROUND
22 BIAS
I
BIAS
23 MUTE
I
MUTE
24 REGO
O
REGULATOR OUTPUT
25 REB
O
REGULATOR BASE
26 OPOUT3
O
CH3 OP-AMP Output
27 OPIN3(-)
I
CH3 OP-AMP Input ( - )
28 OPIN3(+)
I
CH3 OP-AMP Input (+)
29 OPOUT4
O
CH4 OP-AMP Output
30 OPIN4(-)
I
CH4 OP-AMP Input ( - )
31 OPIN4(+)
I
CH4 OP-AMP Input (+)
32 REV
I
Reverse Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com