Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7056/KDX Datasheet(PDF) 28 Page - Microchip Technology

Part # USB7056/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056/KDX Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB7056/KDX Datasheet HTML 24Page - Microchip Technology USB7056/KDX Datasheet HTML 25Page - Microchip Technology USB7056/KDX Datasheet HTML 26Page - Microchip Technology USB7056/KDX Datasheet HTML 27Page - Microchip Technology USB7056/KDX Datasheet HTML 28Page - Microchip Technology USB7056/KDX Datasheet HTML 29Page - Microchip Technology USB7056/KDX Datasheet HTML 30Page - Microchip Technology USB7056/KDX Datasheet HTML 31Page - Microchip Technology USB7056/KDX Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
USB7056
DS00002675F-page 28
 2022 Microchip Technology Inc. and its subsidiaries
7.0
DEVICE INTERFACES
The USB7056 provides multiple interfaces for configuration, external memory access, etc.. This section details the var-
ious device interfaces:
• SPI/SQI Master Interface
• SMBus/I2C Master/Slave Interfaces
• I2S Interface
7.1
SPI/SQI Master Interface
The SPI/SQI controller has two basic modes of operation: execution of an external hub firmware image, or the USB to
SPI bridge. On power up, the firmware looks for an external SPI flash device that contains a valid signature of 2DFU
(device firmware upgrade) beginning at address 0x3FFFA. If a valid signature is found, then the external ROM mode is
enabled and the code execution begins at address 0x0000 in the external SPI device. If a valid signature is not found,
then execution continues from internal ROM and the SPI interface can be used as a USB to SPI bridge.
The second mode of operation is the USB to SPI bridge operation. Additional details on this feature can be found in
Section 8.9, USB to SPI Bridging.
Table 7-1 details how the associated pins are mapped in SPI vs. SQI mode.
7.2
SMBus/I2C Master/Slave Interfaces
The device provides three independent SMBus/I2C controllers (Slave, Master, and Power Delivery Master) which can
be used to access internal device run time registers or program the internal OTP memory. The device contains two 128
byte buffers to enable simultaneous master/slave operation and to minimize firmware overhead in processed I2C pack-
ets. The I2C interfaces support 100KHz Standard-mode (Sm) and 400KHz Fast Mode (Fm) operation. Additionally, the
Power Delivery I2C interface (PD_I2C_CLK/PD_I2C_DATA) also supports the 1MHz Fast-mode Plus (Fm+) mode of
operation.
The SMBus/I2C interfaces are assigned to programmable pins (PFx) and therefore the device must be programmed into
specific configurations to enable specific interfaces. Refer to Section 3.3.4, PF[31:3] Configuration (CFG_STRAP[2:1])
for additional information.
Note:
For details on how to enable each interface, refer to Section 3.3, Configuration Straps and Programmable
Functions.
For information on device connections, refer to Section 4.0, Device Connections. For information on device
configuration, refer to Section 6.0, Device Configuration.
Microchip provides a comprehensive software programming tool, MPLAB Connect Configurator (formerly
ProTouch2), for configuring the USB7056 functions, registers and OTP memory. All configuration is to be
performed via the MPLAB Connect Configurator programming tool. For additional information on this tool,
refer to th MPLAB Connect Configurator programming tool product page at http://www.microchip.com/
design-centers/usb/mplab-connect-configurator.
TABLE 7-1:
SPI/SQI PIN USAGE
SPI Mode
SQI Mode
Description
SPI_CE_N
SPI_CE_N
SPI/SQI Chip Enable (Active Low)
SPI_CLK
SPI_CLK
SPI/SQI Clock
SPI_D0
SPI_D0
SPI Data Out; SQI Data I/O 0
SPI_D1
SPI_D1
SPI Data In; SQI Data I/O 1
-
SPI_D2
SQI Data I/O 2
-
SPI_D3
SQI Data I/O 3
Note:
For SPI/SQI master timing information, refer to Section 9.6.8, SPI/SQI Master Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com