Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7056/KDX Datasheet(PDF) 1 Page - Microchip Technology

Part # USB7056/KDX
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056/KDX Datasheet(HTML) 1 Page - Microchip Technology

  USB7056/KDX Datasheet HTML 1Page - Microchip Technology USB7056/KDX Datasheet HTML 2Page - Microchip Technology USB7056/KDX Datasheet HTML 3Page - Microchip Technology USB7056/KDX Datasheet HTML 4Page - Microchip Technology USB7056/KDX Datasheet HTML 5Page - Microchip Technology USB7056/KDX Datasheet HTML 6Page - Microchip Technology USB7056/KDX Datasheet HTML 7Page - Microchip Technology USB7056/KDX Datasheet HTML 8Page - Microchip Technology USB7056/KDX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002675F-page 1
USB7056
Highlights
• 6-Port USB SmartHub™ IC with:
- USB Type-C® with Power Delivery support on
upstream port
- Native USB Type-C support on downstream port 1
- Three Standard USB 3.2 Gen 1 downstream ports
- Two Standard USB 2.0 downstream ports
- Internal Hub Feature Controller device which
enables:
-USB to I2C/SPI/I2S/GPIO bridge endpoint support
- USB to internal hub register write and read
• USB-IF Certified - TID 1212. Testing includes:
- USB 3.2 Gen 1 Hub with BC1.2 support
- Power Delivery 2.0 using UPD350 PD Transceiver
(TID 1070065)
- Billboard endpoint device for Alternate Mode nego-
tiation status
- Advanced multi-port system policy management
• USB Link Power Management (LPM) support
• USB-IF Battery Charger revision 1.2 support on
downstream ports (DCP, CDP, SDP)
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• Commercial and industrial grade temperature
support
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 1 Peripherals
Key Benefits
• USB 3.2 Gen 1 compliant 5 Gbps, 480 Mbps, 12
Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.32V tolerant USB 3.2 Gen 1 pins
- Integrated termination and pull-up/down resistors
• Native USB Type-C Support
- Type-C CC Pin with integrated Rp and Rd
- Integrated multiplexer on USB Type-C enabled
ports. USB 3.2 Gen 1 PHYs are disabled until a
valid Type-C attach is detected, saving idle power.
- Control for external VCONN supply
• Integrated USB Power Delivery (PD) controller for
managing up to three USB Type-C ports with PD
- PD control requires a companion Microchip
UPD360/UPD350 or equivalent device for each PD
capable port
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- European Union universal mobile charger support
- Supports additional portable devices
• On-chip Microcontroller
- Manages I/Os, VBUS, and other signals
• 64kB RAM, 256kB ROM
• 8kB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP ROM, SPI
ROM, or SMBus
• FlexConnect
- The roles of the upstream and any downstream
port are reversible on command
• Multi-Host Endpoint Reflector
- Integrated host-controller endpoint reflector via
CDC/NCM device class for automotive applications
• USB Bridging
- USB to I2C, SPI, I2S, and GPIO
•PortSwap
- Configurable USB 2.0 differential pair signal swap-
ping
• PHYBoost
- Programmable USB 2.0 transceiver drive strength
for recovering signal integrity
• VariSense
- Programmable USB 2.0 receiver sensitivity
•Port Split
- USB 2.0 and USB 3.2 Gen 1 port operation can be
split for custom applications using embedded USB
3.x devices in parallel with USB 2.0 devices
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low ther-
mal dissipation
• Package: 100-pin RoHS compliant VQFN
(12mm x 12mm)
* USB Type-C® and USB-C® are trademarks of USB Imple-
menters Forum.
6-Port USB 3.2 Gen 1 PD SmartHub™ IC


Similar Part No. - USB7056/KDX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7002 MICROCHIP-USB7002 Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
USB7002 MICROCHIP-USB7002 Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
USB7002-I/KDX MICROCHIP-USB7002-I/KDX Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
USB7002-I/KDXVAO MICROCHIP-USB7002-I/KDXVAO Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
USB7002-IKDXV MICROCHIP-USB7002-IKDXV Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
More results

Similar Description - USB7056/KDX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5806C MICROCHIP-USB5806C Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB5826 MICROCHIP-USB5826 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB5826C MICROCHIP-USB5826C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7016 MICROCHIP-USB7016 Datasheet
1Mb / 59P
6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006_V01 Datasheet
731Kb / 56P
6-Port USB 3.2 Gen 1 SmartHubTMController
09/14/21
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
USB5926C MICROCHIP-USB5926C_V01 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHub with Support for Multiple USB Type-C짰 UFP and DFP
DS00003190C (03-17-21)
USB7002 MICROCHIP-USB7002_V01 Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
USB5807C MICROCHIP-USB5807C Datasheet
2Mb / 56P
7-Port USB 3.2 Gen 1 SmartHubTM IC
DS00003182B 08-20-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com