Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB9281 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated PI3USB9281 Datasheet HTML 10Page - Diodes Incorporated PI3USB9281 Datasheet HTML 11Page - Diodes Incorporated PI3USB9281 Datasheet HTML 12Page - Diodes Incorporated PI3USB9281 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
11
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Figure 9. USB Power Delivery (PD) Cables and Other Accessories Detection Timing
INTB Pin
ID
Floating
10ms
PI3USB9281
remains silent
for PD chip to
do detection
first
90ms
PI3USB9281
performs ID
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com