Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB9281 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3USB9281 Datasheet HTML 1Page - Diodes Incorporated PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
2
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Pin Descriptions
Name
Type
Default State
Description
USB Interface
DPH
Signal Path
Open
D+ signal switch path, dedicated USB port to be connected to the resident USB
transceiver on the device
DNH
Signal Path
Open
D- signal switch path, dedicated USB port to be connected to the resident USB
transceiver on the device
Connector Interface
ID
Signal Path
Open
Connected to the USB connector ID pin and used for detecting accessories
D+
Signal Path
Open
Connected
to
the
USB
connector
D+
pin;
depending
on
the
signaling
mode
D-
Signal Path
Open
Connected to the USB connector D- pin; depending on the signaling mode
VBUSIN
Power Path
NA
Input voltage supply pin to be connected to the VBUS pin of the USB connector
Power Interface
VBAT
Power
NA
Input voltage supply pin to be connected to the device battery output or to an
internal regulator
VDDIO
Power
NA
Baseband processor interface I/O supply pin
ENB
Input
Hi-Z
System enable for the circuit (Active Low)
GND
Power
NA
Ground
Charger Interface
VBUSOUT
Power Path
NA
Output voltage supply pin to be connected to the source voltage pin on the charger IC
CHG
Open-Drain
Output
Hi-Z
Open-drain active LOW output, used to signal the charger IC that a charger has been
attached
I
2C Interface
SCL
Input
Hi-Z
I
2C serial clock signal to be connected to the phone-based I2C master
SDA
Open-Drain I/O
Hi-Z
I
2C serial data signal to be connected to the phone-based I2C master
INTB
CMOS Output
LOW
Interrupt active LOW output used to prompt the phone baseband processor to read the I
2C
register bits, indicates a change in ID pin status or accessory attach status
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
Supply Voltage fromBattery/Baseband.....................................................-0.5V to +6.5V
Supply Voltage fromMicro-USB Connector........................................-0.5V to +28.0V
Switch I/O Voltage USB................................................................................-1.0V to +5.5V
Input Clamp Diode current..............................................................................................50mA
Charger Detect CHG Pin Sink current.........................................................................30mA
Switch I/O Current (Continuous) USB.......................................................................50mA
Switch I/O Switch Peak Current (Pulsed at 1ms Duration, <10% Duty Cycle)
USB, and All Other Channels.....................................................................................150mA
Charger FET.............................................................................................................................2A
ESD: HBM .....................................................................................................................2000V
HB M (USB connector pins: VBUSIN, D+, D+, ID to GND).................6000V
Recommended operation conditions
Symbol
Parameter
Min.
Max.
Units
VBAT
Battery Supply Voltage
3.0
5.5
V
VBAT_TH
Battery Supply Voltage Threshold
-
3.0
V
VBUSIN
VBUSIN Pin Supply Voltage
4.0
5.5
V
VDDIO
Processor Supply Voltage
1.8
5.5
V
VSW
Switch I/O Voltage
USB Path Active
0
3.6
V
CID
Capacitive Load on ID Pin for Reliable Accessory Detection
0
1.0
nF
TA
Operating Temperature
-40
85
°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com