Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C6612LE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI6C6612LE
Description  3.3V Precision Audio Clock Synthesizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C6612LE Datasheet(HTML) 4 Page - Diodes Incorporated

  PI6C6612LE Datasheet HTML 1Page - Diodes Incorporated PI6C6612LE Datasheet HTML 2Page - Diodes Incorporated PI6C6612LE Datasheet HTML 3Page - Diodes Incorporated PI6C6612LE Datasheet HTML 4Page - Diodes Incorporated PI6C6612LE Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8794C
11/12/08
PI6C6612
3.3V Precision Audio Clock Synthesizer
Tj_short
Short term jitter
Reference clock off
175
ps p-p
Tj_short
Short term jitter
Reference clock on
175
ps p-p
Tj_long
Long term jitter
Reference clock off; 10
μ delay
1100
ps p-p
Tj_long
Long term jitter
Reference clock on; 10
μ delay
1100
ps p-p
Phase Noise Single sideband phase noise
33 MHz; 10Hz offset
-50
dBc
Phase Noise Single sideband phase noise
33 MHz; 100Hz offset
-75
dBc
Phase Noise Single sideband phase noise
33 MHz; 1kHz offset
-80
dBc
Phase Noise Single sideband phase noise
33 MHz; 10kHz offset
-75
dBc
FERROR
Actual mean frequency error versus
target
0
ppm
Thermal Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
θJA
Thermal Resistance Junction to
Ambient
Still air
78
°C/W
θJA
1 min m/s air flow
70
°C/W
θJA
3 min m/s air flow
68
°C/W
θJC
Thermal Resistance Junction to Case
37
°C/W
Recommended Crystal Specification
Pericom's 49SMLB27.0000 MHz parallel resonance crystal is recommended.
Recommended Crystal Specification
Parameter
Value
Units
Mode of oscillation
Fundamental AT
Frequency
27
MHz
Frequency Tolerance
±50
PPM
Temperature and aging stability
±50
PPM
C0/C1 ratio
240
Load cap
18
pF
Equivalent series resistance
30
Ω
08-0298



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com