Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C6612LE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6C6612LE
Description  3.3V Precision Audio Clock Synthesizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C6612LE Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6C6612LE Datasheet HTML 1Page - Diodes Incorporated PI6C6612LE Datasheet HTML 2Page - Diodes Incorporated PI6C6612LE Datasheet HTML 3Page - Diodes Incorporated PI6C6612LE Datasheet HTML 4Page - Diodes Incorporated PI6C6612LE Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8794C
11/12/08
Features
• Precision clock generator for digital audio application
• One copy of Reference clock at 27 MHz
• Supports various audio sampling rates: 128x, 256x, 384x,
512x and 768x
• Support Crystal or Reference clock signal input
• Low Phase Noise: -75 dBc @ 100Hz
• Low Short Term Jitter: 175ps (typical)
• Low Long Term Jitter: 1.1ns (typical)
• Industrial Temperature Range (-40°C ~ +85°C)
• Packaging (Pb-Free & Green):
—16-pin TSSOP
Description
The PI6C6612 is a precision clock generator designed to provide
synchronous clock signals for digital audio applications with
sampling clock rates derived from an MPEG stream. The device
can also be used as a standalone clock source with a 27 MHz
crystal.
Split power supply pins and ground pins help to provide excel-
lent phase noise and long term jitter performance for superior
synchronization and Signal-to-Noise ratio.
PI6C6612 is one example of Pericom’s multimedia clock prod-
ucts, if you have other applications for custom clock designs,
either with different clock input or output that is not specified
here, please contact Pericom.
Block Diagram
PI6C6612
3.3V Precision Audio Clock Synthesizer
Output Clock Selection Table from 27 MHz input
S3
S2
S1
S0
Clock (MHz)
0
0
0
0
8.192
0
0
0
1
11.2896
0
0
1
0
12.288
0
0
1
1
24.576
0
1
0
0
9.216
0
1
0
1
16.9344
0
1
1
0
18.432
0
1
1
1
36.864
1
0
0
0
16.384
1
0
0
1
22.5792
1
0
1
0
5.6448
1
0
1
1
49.152
1
1
0
0
6.1440
1
1
0
1
33.8688
1
1
1
0
8.4672
1
1
1
1
73.728
PLL
XTAL
OSC
REF
X2
X1/REFIN
SELIN
S[3:0]
Clock
08-0298


Similar Part No. - PI6C6612LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
Clock Generator for Pentium Modules
PI6C671FA PERICOM-PI6C671FA Datasheet
199Kb / 7P
Clock Generator for Pentium Modules
PI6C671FV PERICOM-PI6C671FV Datasheet
199Kb / 7P
Clock Generator for Pentium Modules
More results

Similar Description - PI6C6612LE

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 091697
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com