Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX17543_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
The junction temperature of the device can be estimated
at any given maximum ambient temperature (TA_MAX)
from the equation below:
(
)
=
+ θ
×
J_MAX
A_MAX
JA
LOSS
TT
P
If the application has a thermal management system that
ensures that the exposed pad of the device is maintained
at a given temperature (TEP_MAX) by using proper
heatsinks, then the junction temperature of the device can
be estimated at any given maximum ambient temperature
from the equation below:
(
)
=
+ θ
×
J_MAX
EP_MAX
JC
LOSS
TT
P
Junction temperature greater than +125°C degrades
operating lifetimes.
PCB Layout Guidelines
All connections carrying pulsed currents must be very
short and as wide as possible. The inductance of these
connections must be kept to an absolute minimum due to
the high di/dt of the currents. Since inductance of a current
carrying loop is proportional to the area enclosed by the
loop, if the loop area is made very small, inductance is
reduced. Additionally, small-current loop areas reduce
radiated EMI.
A ceramic input filter capacitor should be placed close
to the VIN pins of the IC. This eliminates as much trace
inductance effects as possible and gives the IC a cleaner
voltage supply. A bypass capacitor for the VCC pin also
should be placed close to the pin to reduce effects of trace
impedance.
When routing the circuitry around the IC, the analog
small-signal ground and the power ground for switching
currents must be kept separate. They should be connected
together at a point where switching activity is at a
minimum, typically the return terminal of the VCC bypass
capacitor. This helps keep the analog ground quiet.
The ground plane should be kept continuous/unbroken
as far as possible. No trace carrying high switching
current should be placed directly over any ground plane
discontinuity.
PCB layout also affects the thermal performance of the
design. A number of thermal vias that connect to a large
ground plane should be provided under the exposed pad
of the part, for efficient heat dissipation.
For a sample layout that ensures first pass success,
refer to the MAX17543 evaluation kit layout available at
www.maximintegrated.com.
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com