Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17543_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VIN to PGND .........................................................-0.3V to +48V
EN/UVLO to SGND ...............................................-0.3V to +48V
LX to PGND................................................-0.3V to (VIN + 0.3V)
BST to PGND........................................................-0.3V to +53V
BST to LX.............................................................-0.3V to +6.5V
BST to VCC ...........................................................-0.3V to +48V
CF, RESET, SS, MODE, SYNC,
RT to SGND .....................................................-0.3V to +6.5V
FB to SGND .........................................................-0.3V to +1.5V
VCC to SGND.......................................................-0.3V to +6.5V
SGND to PGND....................................................-0.3V to +0.3V
LX Total RMS Current ...........................................................±4A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C) (multilayer board)
TQFN (derate 30.3mW/ºC above TA = +70°C) ......2424.2mW
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........33ºC/W
Junction-to-Case Thermal Resistance (θJC).................2ºC/W
(Note 1)
(VIN = VEN/UVLO = 24V, RRT = 40.2kΩ (500kHz), CVCC = 2.2μF, VPGND = VSGND = VMODE = VSYNC = 0V, LX = SS = RESET =
open, VBST to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are
referenced to SGND, unless otherwise noted.) (Note 2)
Electrical Characteristics
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Package Thermal Characteristics
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Junction temperature greater than +125°C degrades operating lifetimes.
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
INPUT SUPPLY (VIN)
Input Voltage Range
VIN
4.5
42
V
Input Shutdown Current
IIN-SH
VEN/UVLO = 0V (shutdown mode)
2.8
4.5
µA
Input Quiescent Current
IQ_PFM
VFB = 1V, MODE = RT = open
118
VFB = 1V, MODE = open
162
IQ-DCM
DCM mode, VLX = 0.1V
1.16
1.8
mA
IQ_PWM
Normal switching mode, fSW = 500kHz,
VFB = 0.8V
9.5
ENABLE/UVLO (EN/UVLO)
EN/UVLO Threshold
VENR
VEN/UVLO rising
1.19
1.215 1.26
V
VENF
VEN/UVLO falling
1.068
1.09 1.131
EN/UVLO Input Leakage Current
IEN
VEN/UVLO = 0V, TA = +25ºC
-50
0
+50
nA
LDO
VCC Output Voltage Range
VCC
6V < VIN < 42V, IVCC = 1mA
4.75
5
5.25
V
1mA ≤ IVCC ≤ 25mA
VCC Current Limit
IVCC-MAX
VCC = 4.3V, VIN = 6V
26.5
54
100
mA
VCC Dropout
VCC-DO
VIN = 4.5V, IVCC = 20mA
4.2
V
VCC UVLO
VCC_UVR
VCC rising
4.05
4.2
4.3
V
VCC_UVF
VCC falling
3.65
3.8
3.9
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com