Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17543 Datasheet HTML 1Page - Maxim Integrated Products MAX17543 Datasheet HTML 2Page - Maxim Integrated Products MAX17543 Datasheet HTML 3Page - Maxim Integrated Products MAX17543 Datasheet HTML 4Page - Maxim Integrated Products MAX17543 Datasheet HTML 5Page - Maxim Integrated Products MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
19-7054; Rev 1; 7/16
General Description
The MAX17543 high-efficiency, high-voltage, synchronous
step-down DC-DC converter with integrated MOSFETs
operates over a 4.5V to 42V input. The converter can
deliver up to 2.5A and generates output voltages from
0.9V up to 0.9 x VIN. The feedback (FB) voltage is
accurate to within ±1.1% over -40°C to +125°C.
The MAX17543 uses peak current-mode control. The
device can be operated in the pulse-width modulation
(PWM), pulse-frequency modulation (PFM), or
discontinuous conduction mode (DCM) control schemes.
The device is available in a 20-pin (4mm x 4mm) TQFN
package. Simulation models are available.
Applications
● Industrial Power Supplies
● Distributed Supply Regulation
● High-Voltage Single-Board Systems
● Base Station Power Supply
● General-Purpose Point-of-Load
Benefits and Features
● Reduces External Components and Total Cost
• No Schottky—Synchronous Operation
• Internal Compensation for Any Output Voltage
• Built-In Soft-Start
• All-Ceramic Capacitors, Compact Layout
● Reduces Number of DC-DC Regulators to Stock
• Wide 4.5V to 42V Input
• Adjustable 0.9V to 0.9 x VIN Output
• 100kHz to 2.2MHz Adjustable Switching Frequency
with External Synchronization
● Reduces Power Dissipation
• Peak Efficiency >90%
• PFM/DCM Enables Enhanced Light-Load
Efficiency
• 2.8µA Shutdown Current
● Operates Reliably in Adverse Industrial Environments
• Peak Current-Limit Protection
• Built-In Output Voltage Monitoring with RESET
• Programmable EN/UVLO Threshold
• Monotonic Startup into Prebiased Load
• Overtemperature Protection
• High Industrial -40°C to +125°C Ambient Operating
Temperature Range/-40°C to +150°C Junction
Temperature Range
Ordering Information appears at end of data sheet.
Typical Application Circuit—5V, 500kHz Switching Frequency
RESET
VIN
VIN VIN
BST
RT
SYNC
MODE
VCC
SGND
CF
SS
FB
PGND
PGND
PGND
LX
LX
LX
EN/UVLO
MAX17543
L1
10µH
C5
0.1µF
C4
22µF
R3
178kΩ
R4
39kΩ
VOUT
5V, 2.5A
VIN
(6.5V TO 42V)
C1
2.2µF
C3
5.6nF
fSW = 500kHz
C2
2.2µF
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
MAX17543 MAXIM-MAX17543 Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITA MAXIM-MAX17543EVKITA Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
More results

Similar Description - MAX17543

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
MAX17572 MAXIM-MAX17572 Datasheet
936Kb / 16P
4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 9/16
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17544 MAXIM-MAX17544_V01 Datasheet
864Kb / 21P
4.5V??2V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com