Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17543 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17543 Datasheet HTML 6Page - Maxim Integrated Products MAX17543 Datasheet HTML 7Page - Maxim Integrated Products MAX17543 Datasheet HTML 8Page - Maxim Integrated Products MAX17543 Datasheet HTML 9Page - Maxim Integrated Products MAX17543 Datasheet HTML 10Page - Maxim Integrated Products MAX17543 Datasheet HTML 11Page - Maxim Integrated Products MAX17543 Datasheet HTML 12Page - Maxim Integrated Products MAX17543 Datasheet HTML 13Page - Maxim Integrated Products MAX17543 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Pin Description
Pin Configuration
19
20
* EXPOSED PAD (CONNECT TO GROUND).
18
17
7
6
8
9
1
2
LX
4
5
15
14
12
11
LX
BST
FB
CF
SS
SYNC
+
3
13
LX
16
10 RT
PGND
TQFN
4mm × 4mm
MAX17543
TOP VIEW
PIN
NAME
FUNCTION
1–3
VIN
Power Supply Input. 4.5V to 42V input supply range. Connect the VIN pins together. Decouple to PGND
with a 2.2µF capacitor; place the capacitor close to the VIN and PGND pins. Refer to the MAX17543 EV
kit data sheet for a layout example.
4
EN/UVLO
Enable/Undervoltage Lockout. Drive EN/UVLO high to enable the output voltage. Connect to the center
of the resistor-divider between VIN and SGND to set the input voltage at which the device turns on. Pull
up to VIN for always-on operation.
5
RESET Open-Drain RESET Output. The RESET output is driven low if FB drops below 92% of its set value.
RESET
goes high 1024 clock cycles after FB rises above 95% of its set value.
6
SYNC
The device can be synchronized to an external clock using this pin. See the External Frequency
Synchronization section for more details.
7
SS
Soft-Start Input. Connect a capacitor from SS to SGND to set the soft-start time.
8
CF
At switching frequencies lower than 500kHz, connect a capacitor from CF to FB. Leave CF open if
switching frequency is equal to, or greater than, 500kHz. See the Loop Compensation section for more
details.
9
FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the output to GND to
set the output voltage. See the Adjusting Output Voltage section for more details.
10
RT
Connect a resistor from RT to SGND to set the regulator’s switching frequency. Leave RT open for the
default 500kHz frequency. See the Setting the Switching Frequency (RT) section for more details.
11
MODE
MODE pin configures the device to operate either in PWM, PFM, or DCM modes of operation. Leave
MODE unconnected for PFM operation (pulse-skipping at light loads). Connect MODE to SGND for
constant-frequency PWM operation at all loads. Connect MODE to VCC for DCM operation. See the
MODE Setting section for more details.
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com