Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-5-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1031ACPZ-5-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-5-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1031ACPZ-5-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 35Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 36Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 37Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
ADP1031
Data Sheet
Rev. A | Page 36 of 38
TYPICAL APPLICATION CIRCUIT
Tx1
VINP
PGNDP
SW2
FB1
VOUT1
VOUT2
SYNC
SW3
FB3
PGNDP
VINP
SLEW
PWRGD
SWP
L1
100µH
VOUT3
CIN
4.7µF
CFLYBK
10µF
CBUCK
10µF
CINV
GNDP
MGND
SGND1
SGND2
MVDD
MSS
MCK
MO
MI
MGPO3
SSS
SCK
SI
SO
SGPI3
MGPI2
MGPI1
SGPO2
SGPO1
MGND
PGOOD
VBAT
CS
CLK
MOSI
MISO
FAULT
LDAC
RESET
GND
SVDD1
EN
SVDD2
L2
100µH
D1
1:1
100nF
100nF
ADP1031
SGND2
MVDD
100nF
MGND
MVDD
BAT46W-7-F
750316743
3.48MΩ
120kΩ
110kΩ
1.54MΩ
3.4MΩ
232kΩ
REFIN
SDI
SDO
SCLK
AD5758
CHART
VIOUT
SYNC
AVDD2
AVDD1 SW+
AVSS
FAULT
HART SIGNAL
VLDO
VLOGIC
47µH
2.2µF
PGND
REFOUT
AD1 AD0
DGND
13.7kΩ
RA
RB
100nF
VDPC+
+VSENSE
–VSENSE
DGND
AGND
AGND
RLOAD
1kΩ
1kΩ
LDAC
CLKOUT
RESET
CCOMP
100nF
100nF
100kΩ
100kΩ
100kΩ
100nF
+24V
+5.15V
–12V
10µF
100kΩ
100kΩ
Figure 76. Typical Application Circuit for the ADP1031 Using the AD5758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com