Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-5-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1031ACPZ-5-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-5-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1031ACPZ-5-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 35Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 36Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 37Page - Analog Devices ADP1031ACPZ-5-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
ADP1031
Data Sheet
Rev. A | Page 38 of 38
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1
7
8
23
24
30
31
41
1.00
0.95
0.90
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.203 REF
(Pins 8-41)
(Pins 1-7)
2.15
MIN
2.75
BSC
3.75
BSC
2.15
MIN
0.50
BSC
9.10
9.00
8.90
7.70
7.60
7.50
3.88
3.78
3.68
2.14
2.04
1.94
7.10
7.00
6.90
SEATING
PLANE
0.30
0.25
0.20
1.72
1.62
1.52
0.435
0.385
0.335
0.45
0.40
0.35
0.35
0.30
0.25
*EXPOSED
PAD
*EXPOSED
PAD
*EXPOSED
PAD
1.46
1.36
1.26
*FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
Figure 78. 41-Lead Lead Frame Chip Scale Package [LFCSP]
9 mm × 7 mm Body and 0.95 mm Package Height
(CP-41-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
VOUT12
VOUT2
VOUT3
Temperature
Range
Package Description
Package
Option
ADP1031ACPZ-1-R7
Adjustable
5.15 V
Adjustable
−40°C to +125°C
41-Lead LFCSP
CP-41-1
ADP1031ACPZ-2-R7
Adjustable
5 V
Adjustable
−40°C to +125°C
41-Lead LFCSP
CP-41-1
ADP1031ACPZ-3-R7
Adjustable
3.3 V
Adjustable
−40°C to +125°C
41-Lead LFCSP
CP-41-1
ADP1031ACPZ-4-R7
24 V
5.15 V
Adjustable
−40°C to +125°C
41-Lead LFCSP
CP-41-1
ADP1031ACPZ-5-R7
21 V
5.15 V
Adjustable
−40°C to +125°C
41-Lead LFCSP
CP-41-1
ADP1031CP-1-EVALZ
Adjustable
5.15 V
Adjustable
Evaluation Board for the ADP1031ACPZ-1
ADP1031CP-2-EVALZ
Adjustable
5 V
Adjustable
Evaluation Board for the ADP1031ACPZ-2
ADP1031CP-3-EVALZ
Adjustable
3.3 V
Adjustable
Evaluation Board for the ADP1031ACPZ-3
ADP1031CP-4-EVALZ
24 V
5.15 V
Adjustable
Evaluation Board for the ADP1031ACPZ-4
ADP1031CP-5-EVALZ
21 V
5.15 V
Adjustable
Evaluation Board for the ADP1031ACPZ-5
1
Z = RoHS Compliant Part.
2
For other VOUT1 voltage options, contact Analog Devices local sales representatives for additional information.
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16434-0-12/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com