Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1850ACPZ-R7
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1850ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP1850
Data Sheet
Rev. C | Page 30 of 32
L2
VIN
CIN22
CIN21
M5
M6
M7
M8
1.74kΩ
22kΩ
COUT21
COUT22
TO
VCCO
137k
Ω
EN1
SYNC
TO
VIN
VIN
VCCO
VDL
AGND
FREQ
EN2
SW1
DH1
PGND1
DL1
DL2
PGND2
DH2
SW2
ADP1850
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
8.87k
Ω
180pF
3.3nF
100nF
22pF
1µF
0.1µF
0.1µF
1µF
1µF
TO
VCCO
TO
FB1
TO
SS1
TO
COMP1
VOUT1
1.09V
50A
CIN11, CIN12, CIN21, CIN22: 10µF/X7R/25V/1210, MURATA
COUT11, COUT21, 2SEPC560MZ × 3, 560µF, OSCON, SANYO
COUT12, COUT22: GRM31CR60J476ME19 × 2, 47µV/1206/6.3V, MURATA
fSW = 300kHz
CIN = 180µF/16V × 4, 16SEP180M, OS-CON, SANYO
M1, M2, M5, M6: BSC080N03IS
M3, M4, M7, M8: BSC030N03LS
L1, L2: SER1408-301, 300nH, COILCRAFT; OR 744355147, 0.4µH, WURTH ELECTRONIK
8.3k
Ω
10k
Ω
2
Ω
L1
VIN = 10V TO 14V
CIN12
CIN11
M1
M2
CIN
M3
M4
1.74kΩ
22kΩ
COUT11
COUT12
22pF
Figure 47. Dual-Phase Circuit, 50 A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com