Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1850ACPZ-R7
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1850ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1850ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP1850
Data Sheet
Rev. C | Page 22 of 32
CONFIGURATION AND LOOP COMPENSATION
(DUAL-PHASE OPERATION)
In dual-phase operation, the two outputs of the switching
regulators are shorted together and can source more than
50 A of output current depending on the selection of the
power components. Internal parameters in the ADP1850
are optimized and trimmed in the factory to minimize the
mismatch in output currents between the two channels. See
Figure 34 and Figure 47 for a configuration of a typical dual-
phase application circuit. Note that FB1 shorts to FB2, SS1 to
SS2, and COMP1 to COMP2, where the outputs of the two
error amplifiers are shared. Furthermore, the controller needs
to be placed in forced PWM operation by connecting SYNC
to VCCO or logic high.
The equations for calculating the loop compensation compo-
nents are identical to the single-phase operation, but the
combined value of Gm of the error amplifiers, the modulator
gain and the effective fSW are all doubled.
RAMP1
RRAMP1
VIN
DH1
BST1
SW1
ILIM1
FB1
DL1
PGND1
RAMP2
DH2
BST2
SW2
ILIM2
FB2
DL2
PGND2
EN1
EN2
VDL
VCCO
TRK1
TRK2
SYNC
FREQ
COMP1
COMP2
SS1
SS2
AGND
RCSG1
R1
R2
M1
M2
RCSG2
M3
L2
L1
VOUTx
VIN
VIN
M4
RRAMP2
PGOOD1
PGOOD2
ADP1850
HI
LO
Figure 34. Dual-Phase Circuit
SWITCHING NOISE AND OVERSHOOT REDUCTION
In any high speed step-down regulator, high frequency noise
(generally in the range of 50 MHz to 100 MHz) and voltage
overshoot are always present at the gate, the switch node (SW),
and the drains of the external MOSFETs. The high frequency
noise and overshoot are caused by the parasitic capacitance,
CGD, of the external MOSFET and the parasitic inductance of
the gate trace and the packages of the MOSFETs. When the high
current is switched, electromagnetic interference (EMI) is
generated, which can affect the operation of the surrounding
circuits. To reduce voltage ringing and noise, it is recommended
to add an RC snubber between SWx and PGNDx for high current
applications, as illustrated in Figure 35.
In most applications, RSNUB is typically 2 Ω to 4 Ω, and CSNUB
typically 1.2 nF to 3 nF.
RSNUB can be estimated by
OSS
MOSFET
SNUB
C
L
R
2
≅
And CSNUB can be estimated by
OSS
SNUB
C
C
≅
where:
LMOSFET is the total parasitic inductance of the high-side and
low-side MOSFETs, typically 3 nH, and is package dependent.
COSS is the total output capacitance of the high-side and low-
side MOSFETs given in the MOSFET data sheet.
The size of the RC snubber components needs to be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is
SW
SNUB
IN
SNUB
f
C
V
P
×
×
=
2
In most applications, a component size 0805 for RSNUB is sufficient.
However, the use of an RC snubber reduces the overall efficiency,
generally by an amount in the range of 0.1% to 0.5%. The RC
snubber does not reduce the voltage overshoot. A resistor,
shown as RRISE in Figure 35, at the BSTx pin helps to reduce
overshoot and is generally between 2 Ω and 4 Ω. Adding a
resistor in series, typically between 2 Ω and 4 Ω, with the gate
driver also helps to reduce overshoot. If a gate resistor is added,
then RRISE is not needed.
VIN
ADP1850
(CHANNEL 1)
DH1
VDL
DL1
ILIM1
RILIM1
SW1
BST1
PGND1
RRISE
M1
M2
L
VOUTx
CSNUB
COUT
RSNUB
Figure 35. Application Circuit with a Snubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com