Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2503ACPZ-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2503ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADP2503/ADP2504
Rev. D | Page 7 of 16
0.001
0.01
0.1
1
100
90
80
70
60
50
40
30
20
10
0
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 9. Efficiency vs. Output Current, PWM Mode (VOUT = 2.8 V)
0.001
0.01
0.1
1
100
90
80
70
60
50
40
30
20
10
0
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 10. Efficiency vs. Output Current, PSM and PWM Mode (VOUT = 2.8 V)
100
90
80
70
60
50
40
30
20
10
0
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VIN (V)
IOUT = 500mA
IOUT = 100mA
IOUT = 10mA
Figure 11. Efficiency vs. Input Voltage (VOUT = 3.3 V)
3.35
3.33
3.31
3.29
3.27
3.25
0
0.1
0.2
0.3
0.4
0.5
IOUT (A)
0.6
0.7
0.8
0.9
1.0
Figure 12. Load Regulation (VIN = 3.6 V, VOUT = 3.3 V)
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
–40°C
+25°C
+85°C
Figure 13. Frequency vs. Input Voltage Over Temperature (VOUT = 3.3 V)
50
45
40
35
30
25
20
15
10
5
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
Figure 14. Quiescent Current vs. Input Voltage (VOUT = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com