Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2503ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2503ACPZ-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2503ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2503ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP2503/ADP2504
Data Sheet
Rev. D | Page 12 of 16
UNDERVOLTAGE LOCKOUT
The undervoltage lockout circuit prevents the device from oper-
ating incorrectly at low input voltages. It prevents the converter
from turning on the power switches under undefined conditions
and, therefore, prevents deep discharge of the battery supply.
VIN must be greater than 2.25 V to enable the converter. During
operation, if VIN drops below 2.10 V, the ADP2503/ADP2504 are
disabled until the supply exceeds the UVLO rising threshold.
THERMAL SHUTDOWN
When the junction temperature, TJ, exceeds 150°C typical,
the device goes into thermal shutdown. In this mode, the power
switches are turned off. The device resumes operation when the
junction temperature again falls below 125°C typical.
SHORT-CIRCUIT PROTECTION
When the nominal inductor peak current value of 1.5 A is
reached, the ADP2503/ADP2504 first switch off the NMOS2
transistor if it is active. If the current thereafter continues to
increase by an extra amount of 200 mA, the PMOS1 transistor
is also switched off. This operation is reversible when the short
circuit stops. It allows the inductor current ripple to be mini-
mized close to 1.5 A and, thus, the controller to restore VOUT
even if a high load current is maintained after the short circuit.
REVERSE CURRENT LIMIT
In case of a short circuit on VOUT to a value greater than
expected, the inductor current becomes negative (reverse
current). The negative peak value is limited to 1.1 A by
deactivating the PMOS2 switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com