Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC18IM700 Datasheet HTML 9Page - NXP Semiconductors SC18IM700 Datasheet HTML 10Page - NXP Semiconductors SC18IM700 Datasheet HTML 11Page - NXP Semiconductors SC18IM700 Datasheet HTML 12Page - NXP Semiconductors SC18IM700 Datasheet HTML 13Page - NXP Semiconductors SC18IM700 Datasheet HTML 14Page - NXP Semiconductors SC18IM700 Datasheet HTML 15Page - NXP Semiconductors SC18IM700 Datasheet HTML 16Page - NXP Semiconductors SC18IM700 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
13 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
10. Limiting values
[1]
This product includes circuitry specifically designed for the protection of its internal devices from the
damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be
taken to avoid applying greater than the rated maximum.
[2]
Parameters are valid over operating temperature range unless otherwise specified. All voltages are with
respect to VSS unless otherwise noted.
[3]
Based on package heat transfer, not device power consumption.
Table 10:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). [1] [2]
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
bias ambient temperature
−55
+125
°C
Tstg
storage temperature
−65
+150
°C
VI
input voltage
referenced to VSS
−0.5
+5.5
V
IOH(I/O)
HIGH-level output current
per input/output pin
GPIO3 to GPIO7
-
20
mA
all other pins
-
8
mA
IOL(I/O)
LOW-level output current
per input/output pin
-20
mA
II/O(tot)(max) maximum total I/O current
-
120
mA
Ptot/pack
total power dissipation per package
[3] -
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com