Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC18IM700 Datasheet HTML 1Page - NXP Semiconductors SC18IM700 Datasheet HTML 2Page - NXP Semiconductors SC18IM700 Datasheet HTML 3Page - NXP Semiconductors SC18IM700 Datasheet HTML 4Page - NXP Semiconductors SC18IM700 Datasheet HTML 5Page - NXP Semiconductors SC18IM700 Datasheet HTML 6Page - NXP Semiconductors SC18IM700 Datasheet HTML 7Page - NXP Semiconductors SC18IM700 Datasheet HTML 8Page - NXP Semiconductors SC18IM700 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
2 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
4.
Ordering information
5.
Block diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
SC18IM700IPW
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Block diagram of SC18IM700
SC18IM700
I2C-BUS
CONTROLLER
002aab743
VDD
UART
SCL
SDA
GPIO
REGISTER
GPIOs
RX
TX
WAKEUP
8
RESET
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com