Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2204DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP2204DB
Description  Quad Channel Monolithic Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP2204DB Datasheet HTML 1Page - Vishay Siliconix SIP2204DB Datasheet HTML 2Page - Vishay Siliconix SIP2204DB Datasheet HTML 3Page - Vishay Siliconix SIP2204DB Datasheet HTML 4Page - Vishay Siliconix SIP2204DB Datasheet HTML 5Page - Vishay Siliconix SIP2204DB Datasheet HTML 6Page - Vishay Siliconix SIP2204DB Datasheet HTML 7Page - Vishay Siliconix SIP2204DB Datasheet HTML 8Page - Vishay Siliconix SIP2204DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S20-0486-Rev. C, 29-Jun-2020
1
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Quad Channel Monolithic Power Stage
DESCRIPTION
The SiP2204 is a quad channel, fully-integrated monolithic
power stage optimized for multi-phase synchronous buck
applications. The part has very fast propagation to enable
switching frequencies of up to 10 MHz/channel and offers a
high power density design for use in applications such as
envelope tracking power supplies for RF power amplifiers
used in next generation 4G base stations.
Packaged in QFN32 5 x 5, SiP2204 supports input voltages
up to 24 V and delivers 500 mA continuous current for each
channel.
The SiP2204 incorporates four independent MOSFET gate
driver ICs that work with both 3.3 V and 5 V PWM inputs.
FEATURES
• QFN32 5 x 5 package
• Power stage input up to 24 V
• 500 mA per channel continuous current
• 2 A per channel peak current capability
• High frequency operation beyond 5 MHz
• 3.3 V and 5 V PWM logic
• Low PWM propagation delay (typical 13 ns)
• Enable feature to put the output at high impedance when
disabled
• Junction temperature: -40 °C to +125 °C
APPLICATIONS
• Envelope tracking (ET) supplies for RF power amplifiers
(LDMOS, GaAs FET, GaAs HBT or GaN based)
• Synchronous buck converters
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit for SiP2204
(channel 1 shown)
V
IN12
SW
1
P
GND
V
DRV12
VZ
12
EN
PWM
1
V
CIN
A
GND


Similar Part No. - SIP2204DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2204 VISHAY-SIP2204 Datasheet
562Kb / 17P
Quad Channel Monolithic Power Stage
16-May-16
More results

Similar Description - SIP2204DB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
logo
Tripath Technology Inc.
TPS4100 TRIPATH-TPS4100 Datasheet
286Kb / 14P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
logo
Cirrus Logic
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
60 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Tripath Technology Inc.
TPS4100A TRIPATH-TPS4100A Datasheet
177Kb / 15P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A_08 Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
Quad, Low Power Monolithic Op Amp
logo
Vishay Siliconix
SIP2204 VISHAY-SIP2204 Datasheet
562Kb / 17P
Quad Channel Monolithic Power Stage
16-May-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com