Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32413 Datasheet HTML 1Page - Vishay Siliconix SIP32413 Datasheet HTML 2Page - Vishay Siliconix SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SiP32413, SiP32414, SiP32416
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
4
Document Number: 71437
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Fig. 3 - Quiescent Current vs. Input Voltage
Fig. 4 - Quiescent Current vs. Temperature
Fig. 5 - SiP32413 Off Supply Current vs. VIN
Fig. 6 - SiP32414 and SiP32416 Off Supply Current vs. VIN
TRUTH TABLE SiP32413
CNTRL1
CNTRL2
SW1
SW2
0
0
On
Off
0
1
On
On
10
Off
Off
11
Off
On
TRUTH TABLE SiP32414, SiP32416
CNTRL1
CNTRL2
SW1
SW2
00
Off
Off
01
Off
On
1
0
On
Off
1
1
On
On
V
IN (V)
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
V
IN = 5 V
V
IN = 3.6 V
V
IN = 1.2 V
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
SiP32413
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
SiP32414
SiP32416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com