Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32413 Datasheet HTML 1Page - Vishay Siliconix SIP32413 Datasheet HTML 2Page - Vishay Siliconix SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SiP32413, SiP32414, SiP32416
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
3
Document Number: 71437
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical EN threshold curve
d. Not tested, guarantee by design
PIN CONFIGURATION
Fig. 2 - TDFN8 2.0 mm x 2.0 mm
CNTRL
input high voltage c
VIH
VIN = 1.2 V
0.9 d
--
V
VIN = 1.8 V
1.2 d
--
VIN = 2.5 V
1.4 d
--
VIN = 3.6 V
1.6 d
--
VIN = 4.3 V
1.7 d
--
VIN = 5 V
1.8
-
-
EN input leakage
ISINK
VEN = 5.5 V
-
-
1
μA
Output pull-down resistance
RPD
CNTRL
= inactive, TA = 25 °C
(for SiP32414 andSiP32416 only)
-
217
280
Output turn-on delay time
td(on)
SiP32413, SiP32414
VIN = 3.6 V, RLOAD = 10 , CLOAD = 0,1 μF,
TA = 25 °C
-
140
210
μs
Output turn-on rise time
t(on)
80
150
220
Output turn-off delay time
td(off)
-0.27
1
Output turn-on delay time
td(on)
SiP32416
VIN = 3.6 V, RLOAD = 10 , CLOAD = 0,1 μF,
TA = 25 °C
-2-
ms
Output turn-on rise time
t(on)
1.2
2.5
3.8
Output turn-off delay time
td(off)
-
-
0.001
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
IN1
This is the input pin of the switch side 1
2
CNTRL1
This is the control pin of the switch side 1
3
CNTRL2
This is the control pin of the switch side 2
4
IN2
This is the input pin of the switch side 2
5
OUT2
This is the output pin of the switch side 2
6
GND
Ground connection
7
GND
Ground connection
8
OUT1
This is the output pin of the switch side 1
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 5 V, TA = -40 °C to 85 °C
(typical values are at TA = 25 °C)
LIMITS
-40 °C to 85 °C
UNIT
MIN. a
TYP. b
MAX. a
8
7
6
5
1
2
3
4
OUT1
GND
GND
OUT2
IN1
CNTRL1
CNTRL2
IN2
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com