Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32461 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP32461 Datasheet HTML 3Page - Vishay Siliconix SIP32461 Datasheet HTML 4Page - Vishay Siliconix SIP32461 Datasheet HTML 5Page - Vishay Siliconix SIP32461 Datasheet HTML 6Page - Vishay Siliconix SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix SIP32461 Datasheet HTML 10Page - Vishay Siliconix SIP32461 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
7
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TJ = 25 °C, unless otherwise noted)
Fig. 16 - Reverse Blocking Current vs. Temperature
Fig. 17 - EN Threshold Voltage vs. Input Voltage
Fig. 18 - Rise Time vs. Temperature
Fig. 19 - Turn-on Delay Time vs. Temperature
Fig. 20 - Rise Time vs. Temperature
Fig. 21 - Turn-off Delay Time vs. Temperature
-1800
-1600
-1400
-1200
-1000
-800
-600
-400
-200
0
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 0 V
V
OUT = 5 V
V
IN = 1.2 V
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
V
IH
V
IL
0.5
0.6
0.7
0.8
0.9
1.0
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32462
V
IN = 5 V
C
L = 0.1 μF
R
L = 500 Ω
5
6
7
8
9
10
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32462
V
IN = 5 V
C
L = 0.1 μF
R
L = 500 Ω
140
150
160
170
180
190
200
210
220
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32460, SiP32461
V
IN = 5 V
C
L = 0.1 μF
R
L = 500 Ω
5.00
6.00
7.00
8.00
9.00
10.00
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5 V
C
L = 0.1 μF
R
L = 500 Ω
SiP32460, SiP32462



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com