Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32461 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32461 Datasheet HTML 1Page - Vishay Siliconix SIP32461 Datasheet HTML 2Page - Vishay Siliconix SIP32461 Datasheet HTML 3Page - Vishay Siliconix SIP32461 Datasheet HTML 4Page - Vishay Siliconix SIP32461 Datasheet HTML 5Page - Vishay Siliconix SIP32461 Datasheet HTML 6Page - Vishay Siliconix SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
3
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - WCSP 2 x 2 Package
Switching Speed
Switch turn-on delay time
(SiP32461)
ton_DLY
RLOAD = 500 , CL = 0.1 μF, VIN = 5 V
-
130
-
μs
Switch turn-on rise time
(SiP32461)
tr
RLOAD = 500 , CL = 0.1 μF, VIN = 5 V
-
170
-
Switch turn-on time (including
turn-on delay and rise time
(SiP32462, fast switching)
ton
RLOAD = 500 , CL = 0.1 μF, VIN = 5 V
-
7.5
20
Switch turn-off delay time
toff
RLOAD = 500 , CL = 0.1 μF, (50 % VIN to 90 % VOUT)-
2
-
DEVICE MARKING
Row 1
Dot + W
: dot is A1 locator plus week code
Row 2
AB
: mark code for part number
SiP32460 = AF
SiP32461 = AG
SiP32462 = AH
PIN DESCRIPTION (WSCP package)
PIN#
NAME
FUNCTION
A1
OUT
Switch output
A2
IN
Switch input
B1
GND
Ground connection
B2
EN
Switch on/off control. A pulldown resistor is integrated
TRUTH TABLE
EN
SWITCH
1
On
0
Off
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
VIN = 1.2 V to 5.5 V, TA = -40 °C to +85 °C
(typical values are at 25 °C)
LIMITS
UNIT
MIN.
TYP.
MAX.
A
B
GND
EN
OUT
IN
Index-Bump A1
W
D
A
12
OUT
IN
1
2
A
B
GND
EN
Backside
Bumpside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com