Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32460 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32460
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32460 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32460 Datasheet HTML 7Page - Vishay Siliconix SIP32460 Datasheet HTML 8Page - Vishay Siliconix SIP32460 Datasheet HTML 9Page - Vishay Siliconix SIP32460 Datasheet HTML 10Page - Vishay Siliconix SIP32460 Datasheet HTML 11Page - Vishay Siliconix SIP32460 Datasheet HTML 12Page - Vishay Siliconix SIP32460 Datasheet HTML 13Page - Vishay Siliconix SIP32460 Datasheet HTML 14Page - Vishay Siliconix SIP32460 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
13
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67754
PRODUCT SUMMARY
Part number
SiP32460
SiP32461
SiP32462
Description
1.2 V to 5.5 V, 50 m
,
200 μs rise time,
bidirectional off isolation
1.2 V to 5.5 V, 50 m
,
200 μs rise time,
bidirectional off isolation,
output discharge
1.2 V to 5.5 V,
50 m
, 7.5 μs rise time,
bidirectional off isolation
Configuration
Single
Single
Single
Slew rate time (μs)
170
170
7.5
On delay time (μs)
130
130
-
Input voltage min. (V)
1.2
1.2
1.2
Input voltage max. (V)
5.5
5.5
5.5
On-resistance at input voltage min. (m
)95
95
95
On-resistance at input voltage max. (m
)50
50
50
Quiescent current at input voltage min. (μA)
1.2
1.2
1.2
Quiescent current at input voltage max. (μA)
5.5
5.5
5.5
Output discharge (yes / no)
No
Yes
No
Reverse blocking (yes / no)
Yes
Yes
Yes
Continuous current (A)
1.2
1.2
1.2
Package type
WCSP4
WCSP4
WCSP4
Package size (W, L, H) (mm)
0.8 x 0.8 x 0.5
0.8 x 0.8 x 0.5
0.8 x 0.8 x 0.5
Status code
2
2
2
Product type
Slew rate
Slew rate
Slew rate
Applications
Computers, consumer,
industrial, healthcare,
networking, portable
Computers, consumer,
industrial, healthcare,
networking, portable
Computers, consumer,
industrial, healthcare,
networking, portable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com