Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SiP4282, SiP4282A
www.vishay.com
Vishay Siliconix
S20-0532-Rev. H, 06-Jul-2020
2
Document Number: 65740
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
a. Device mounted with all leads and power pad soldered or welded to PC board
b. Derate 11.1 mW/°C above TA = 70 °C
c. Derate 5.9 mW/°C above TA = 70 °C, see PCB layout
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Supply input voltage (VIN)
-0.3 to 6
V
Enable input voltage (VON / OFF)
-0.3 to 6
Output voltage (VOUT)
-0.3 to VIN + 0.3
Maximum continuous switch current (Imax.)1.4
A
Maximum pulsed current (IDM) VIN
VIN  2.5 V
3
VIN < 2.5 V
1.6
ESD rating (HBM)
4000
V
Junction temperature (TJ)
-40 to +125
°C
Thermal resistance (
JA)
a
6 pin PPAK SC75 b
90
°C/W
4 pin TDFN4 1.2 mm x 1.6 mm c
170
Power fissipation (PD) a
6 pin PPAK SC75 b
610
mW
4 pin TDFN4 1.2 mm x 1.6 mm c
324
RECOMMENDED OPERATING RANGE
PARAMETER
LIMIT
UNIT
Input voltage range (VIN) for SiP4282 version
1.8 to 5.5
V
Input voltage range (VIN) for SiP4282A version
1.5 to 5.5
V
Operating temperature range
-40 to +85
°C
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
VIN = 5, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
LIMITS
-40 °C to +85 °C
UNIT
MIN. a
TYP. b
MAX. a
Operating voltage c
VIN
For SiP4282xxx
1.8
-
5.5
V
Operating voltage
For SiP4282Axxx
1.5
-
5.5
Under voltage lockout
VUVLO
For SiP4282xxx, VIN falling
1
1.4
1.8
Under voltage lockout hysteresis
VUVLO(hyh)
For SiP4282xxx
-
250
-
mV
Quiescent current
IQ
For SiP4282xxx, on / off = active
-
2.5
4
μA
For SiP4282Axxx, on / off = active
-
0.00005
1
On-resistance
RDS(on)
VIN = 5 V, IL = 500 mA, TA = 25 °C
-
105
230
m
VIN = 4.2 V, IL = 500 mA, TA = 25 °C
-
110
250
VIN = 3 V, IL = 500 mA, TA = 25 °C
-
135
290
VIN = 1.8 V, IL = 500 mA, TA = 25 °C
-
230
480
For SiP4282Axxx, VIN = 1.5 V,
IL = 500 mA, TA = 25 °C
-
350
520
On-resistance temp. coefficient
TCRDS
-
2800
-
ppm/°C
On / off input low voltage d
VIL
For SiP4282Axxx, VIN  1.5 V to < 1.8 V
-
-
0.3
V
VIN  1.8 V to < 2.7 V
-
-
0.4
VIN  2.7 V to  5.5 V
-
-
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com