Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4282 Datasheet (PDF) - Vishay Siliconix

SIP4282 Datasheet PDF - Vishay Siliconix
Part # SIP4282
Download  SIP4282 Download
File Size   428.06 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.2 A Slew Rate Controlled Load Switch

SIP4282 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP4282 Datasheet PDF - Vishay Siliconix

Part # SIP4282
Download  SIP4282 Click to download

File Size   428.06 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.2 A Slew Rate Controlled Load Switch

SIP4282 Datasheet (HTML) - Vishay Siliconix


SIP4282 Product details

• 1.8 V to 5.5 V input voltage range for SiP4282
• 1.5 V to 5.5 V input voltage range for SiP4282A
• Very low RDS(on), typically 105 mW at 5 V and
175 mW at 3 V
• Slew rate controlled turn-on time options:
100 μs and 1 ms
• Fast shutdown load discharge
• Low quiescent current, 4 μA for SiP4282
• Low quiescent current, 1 μA for SiP4282A
• Low shutdown current < 1 μA
• UVLO of 1.4 V for SiP4282
• PowerPAK SC-75 1.6 mm x 1.6 mm and TDFN4 1.2 mm x
1.6 mm packages




Similar Part No. - SIP4282

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282 VISHAY-SIP4282 Datasheet
541Kb / 12P
1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
29-Mar-10
SIP4282-1-T1-E3 VISHAY-SIP4282-1-T1-E3 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282-3-T1-E3 VISHAY-SIP4282-3-T1-E3 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282ADNP2-T1GE4 VISHAY-SIP4282ADNP2-T1GE4 Datasheet
541Kb / 12P
1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
29-Mar-10
More results


Similar Description - SIP4282

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
SIP32413 VISHAY-SIP32413 Datasheet
2Mb / 12P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
07-Mar-11
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com