Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4612A/B Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP4612A/B
Description  Protected 1-A High-Side Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4612A/B Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP4612A/B Datasheet HTML 2Page - Vishay Siliconix SIP4612A/B Datasheet HTML 3Page - Vishay Siliconix SIP4612A/B Datasheet HTML 4Page - Vishay Siliconix SIP4612A/B Datasheet HTML 5Page - Vishay Siliconix SIP4612A/B Datasheet HTML 6Page - Vishay Siliconix SIP4612A/B Datasheet HTML 7Page - Vishay Siliconix SIP4612A/B Datasheet HTML 8Page - Vishay Siliconix SIP4612A/B Datasheet HTML 9Page - Vishay Siliconix SIP4612A/B Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 74481
S-80971-Rev. B, 24-Apr-08
Vishay Siliconix
SiP4612A/B
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Turn-On vs. Temperature
RL = 10 Ω, CL = 0.47 µF
VIH and VIL vs. VIN
0
20
40
60
80
100
120
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
VIN = 3 V
VIN = 5 V
VIN - Input Voltage (V)
VIL
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIH
Turn-Off vs. Temperature
RL = 10 Ω, CL = 0.47 µF
RSET vs. ILIMIT
0.0
0.25
0.50
0.75
1.0
- 40
- 20
0
20
40
60
80100
Temperature (°C)
VIN = 3 V
VIN = 5 V
ILIMIT (A)
1
10
100
0
1
1
1
.
0
RSET Coefficient vs. ILIMIT
2
3
4
5
0.00
0.25
0.50
0.75
1.00
ILIMIT (A)
Current Limit vs. Temperature
- 4
- 3
- 2
- 1
0
1
2
3
4
- 40
- 20
0
20
40
60
80
100
120
RSET = 8 kΩ
VIN - VOUT = 0.5 V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com