Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4612A/B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP4612A/B
Description  Protected 1-A High-Side Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4612A/B Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP4612A/B Datasheet HTML 1Page - Vishay Siliconix SIP4612A/B Datasheet HTML 2Page - Vishay Siliconix SIP4612A/B Datasheet HTML 3Page - Vishay Siliconix SIP4612A/B Datasheet HTML 4Page - Vishay Siliconix SIP4612A/B Datasheet HTML 5Page - Vishay Siliconix SIP4612A/B Datasheet HTML 6Page - Vishay Siliconix SIP4612A/B Datasheet HTML 7Page - Vishay Siliconix SIP4612A/B Datasheet HTML 8Page - Vishay Siliconix SIP4612A/B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiP4612A/B
Document Number: 74481
S-80971-Rev. B, 24-Apr-08
www.vishay.com
1
Product is End of Life 12/2014
Protected 1-A High-Side Load Switch
DESCRIPTION
SiP4612A/B is a protected highside power switch. It is
designed to operate from voltages ranging from 2.4 V to
5.5 V and handle a continuous current of 1 A. The user
settable current limit protects the input supply voltage from
excessive load currents that might cause a system failure.
SiP4612A/B has a low quiescent current of 11 µA and in
shutdown the supply current is reduced to less than 1 µA.
In addition to current limit, the SiP4612A/B is protected by
undervoltage lockout and thermal shutdown.
The SiP4612A/B is available in a lead (Pb)-free 6-pin
PowerPAKTSC75-6 for operation over the industrial
temperature range of - 40 °C to 85 °C.
FEATURES
•
1 A continuous output current
•
2.4 V to 5.5 V supply voltage range
•
User settable current limit level
• Low quiescent current
•
Undervoltage lockout
•
Thermal shutdown protection
• 4 kV ESD Rating-HBM
APPLICATIONS
•
Peripheral ports
•Hot swap
•
Notebook computers
• PDAs
TYPICAL APPLICATION CIRCUIT
ON/ON
OUT
GND
Enable
2.4 to 5.5 V
IN
SET
RSET
COUT
CIN
GND
Load
SiP4612A/B
GND
1 µF
0.47 µF
RoHS
COMPLIANT


Similar Part No. - SIP4612A/B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4612ADVP-T1-E3 VISHAY-SIP4612ADVP-T1-E3 Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
More results

Similar Description - SIP4612A/B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
PROTECTED HIGH SIDE SWITCH
logo
Vishay Siliconix
SIP4610A VISHAY-SIP4610A Datasheet
748Kb / 9P
Protected 1-A High-Side Load Switch
21-May-07
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
logo
Analog Devices
ADP198 AD-ADP198 Datasheet
419Kb / 16P
Logic Controlled, 1 A, High-Side Load
REV. D
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
High Side Load Switch
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
PROTECTED HIGH SIDE SWITCH
logo
Vishay Siliconix
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com