Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S1 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4LC2M8S1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
®
5/21/01; v.1.1
Alliance Semiconductor
P. 2 of 29
AS4LC2M8S1
AS4LC1M16S1
Functional description
The AS4LC2M8S1, AS4LC2M8S0, and AS4LC1M16S1, AS4LC1M16S0 are high-performance 16-megabit CMOS Synchronous Dynamic
Random Access Memory (SDRAM) devices organized as 1,048,576 words × 8 bits × 2 banks (2048 rows × 512 columns) and 524,288
words × 16 bits × 2 banks (2048 rows × 256 columns), respectively. Very high bandwidth is achieved using a pipelined architecture where
all inputs and outputs are referenced to the rising edge of a common clock. Programmable burst mode can be used to read up to a full page
of data (512 bytes for 2M × 8 and 256 bytes for 1M × 16) without selecting a new column address.
The operational advantages of an SDRAM are as follows: (1) the ability to synchronously output data at a high clock frequency with
automatic increments of column-address (burst access); (2) bank-interleaving, which hides precharge time and attains seamless operation;
and (3) the capability to change column-address randomly on every clock cycle during burst access.
This SDRAM product also features a programmable mode register, allowing users to select read latency as well as burst length and type
(sequential or interleaved). Lower latency improves first data access in terms of CLK cycles, while higher latency improves maximum
frequency of operation. This feature enables flexible performance optimization for a variety of applications.
SDRAM commands and functions are decoded from control inputs. Basic commands are as follows:
Both devices are available in 400-mil plastic TSOP type 2 package. The AS4LC2M8S1/ AS4LC2M8S0 have 44 pins, and the AS4LC1M16S1/
AS4LC1M16S0 have 50 pins. All devices operate with a power supply of 3.3V ± 0.3V. Multiple power and ground pins are provided for low
switching noise and EMI. Inputs and outputs are LVTTL compatible.
Logic block diagram
† For AS4LC2M8S1/AS4LC2M8S0, Banks A and B will read 1M × 8 (2048 × 512 × 8).
• Mode register set
• Deactivate bank
• Deactivate all banks
• Select row; activate bank
• Select column; write
• Select column; read
• Deselect; power down
• CBR refresh
• Auto precharge with read/write
• Self-refresh
RAS
CAS
WE
CLK
CKE
Clock generator
Mode register
Row
address
buffer
Refresh
counter
Column
address
buffer
Burst
counter
Sense amplifier
Column decoder and
latch circuit
Data control circuit
DQ
DQMU/DQML
CS
Bank select
A11
Bank B†
Bank A†
512K
× 16 (2048 × 256 × 16)
512K
× 16 (2048 × 256 × 16)
A[10:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com