Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S1 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4LC2M8S1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
May 2001
Copyright ©Alliance Semiconductor. All rights reserved.
®
AS4LC2M8S1
AS4LC2M8S0
AS4LC1M16S1
AS4LC1M16S0
3.3V 2M
×××× 8/1M ×××× 16 CMOS synchronous DRAM
5/21/01; v.1.1
Alliance Semiconductor
P. 1 of 29
Preliminary
• Auto refresh and self refresh
• PC100 functionality
• Automatic and direct precharge including concurrent
autoprecharge
• Burst read, write/Single write
• Random column address assertion in every cycle, pipelined
operation
• LVTTL compatible I/O
• 3.3V power supply
• JEDEC standard package, pinout and function
- 400 mil, 44-pin TSOP 2 (2M × 8)
- 400 mil, 50-pin TSOP 2 (1M × 16)
• Read/write data masking
• Programmable burst length (1/2/4/8/ full page)
• Programmable burst sequence (sequential/interleaved)
•Programmable CAS latency (1/2/3)
Selection guide
Symbol
–7
–8
–10
Unit
Bus frequency (CL = 3)
fMax
143
125
100
MHz
Maximum clock access time (CL = 3)
tAC
5.5
6
6
ns
Minimum input setup time
tS
22
2
ns
Minimum input hold time
tH
1.0
1.0
1.0
ns
Row cycle time (CL = 3, BL = 1)
tRC
70
80
80
ns
Maximum operating current ([
×16], RD or
WR, CL = 3), BL = 2
ICC1
130
100
100
mA
Maximum CMOS standby current, self refresh
ICC6
11
1
mA
Pin designation
Pin(s)
Description
DQM (2M × 8)
UDQM/LDQM (1M × 16)
Output disable/write mask
A0 to A10
Address inputs
RA0 – 10
CA0 – 7 (
×16)
CA0 – 8 (
×8)
A11
Bank address (BA)
DQ0 to DQ7 (2M
× 8)
DQ0 to DQ15 (1M
× 16)
Input/output
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
CS
Chip select
VCC, VCCQ
Power (3.3V ± 0.3V)
VSS, VSSQ
Ground
CLK
Clock input
CKE
Clock enable
Pin arrangement
VCC
DQ0
DQ1
VSSQ
DQ2
DQ3
VCCQ
DQ4
DQ5
VSSQ
DQ6
DQ7
VCCQ
LDQM
WE
VSS
DQ15
DQ14
VSSQ
DQ13
DQ12
VCCQ
DQ11
DQ10
VSSQ
DQ9
DQ8
VCCQ
NC
UDQM
CLK
CKE
NC
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
TSOP 2
23
24
25
28
27
26
CAS
RAS
CS
A11
A10
A0
A1
A2
A3
VCC
A9
A8
A7
A6
A5
A4
VSS
VCC
DQ0
VSSQ
DQ1
VCCQ
DQ2
VSSQ
DQ3
VCCQ
NC
NC
WE
CAS
RAS
CS
A11
A10
A0
A1
A2
A3
VCC
VSS
DQ7
VSSQ
DQ6
VCCQ
DQ5
VSSQ
DQ4
VCCQ
NC
NC
DQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
VSS
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
TSOP 2
Features
• Organization
- 1,048,576 words × 8 bits × 2 banks (2M × 8)
11 row, 9 column address
- 524,288 words × 16 bits × 2 banks (1M × 16)
11 row, 8 column address
• All signals referenced to positive edge of clock, fully
synchronous
• Dual internal banks controlled by A11 (bank select)
•High speed
- 143/125/100 MHz
- 7/8/10 ns clock access time
• Low power consumption
- Active:
576 mW max
- Standby: 7.2 mW max, CMOS I/O
• 2048 refresh cycles, 32 ms refresh interval
• 4096 refresh cycles, 64 ms refresh interval
LEGEND
2M
× 81M × 16
Configuration
1M
× 8 × 2 banks
512K
× 16 × 2 banks
Refresh Count
2K/4K
2K/4K
Row Address
(A0 – A10)
(A0 – A10)
Bank Address
2 (BA)
2 (BA)
Column Address
512 (A0 – A8)
256 (A0 – A7)


Similar Part No. - AS4LC2M8S1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC2M8S1-10TC ALSC-AS4LC2M8S1-10TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC2M8S1-12TC ALSC-AS4LC2M8S1-12TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC2M8S1-8TC ALSC-AS4LC2M8S1-8TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results

Similar Description - AS4LC2M8S1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SA SHARP-LH28F016SA Datasheet
317Kb / 36P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
Flash Memory 16M (1M 횞 16/2M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
Sharp Corporation
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com