Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S0 Datasheet(PDF) 28 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S0
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S0 Datasheet(HTML) 28 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S0 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 29Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
®
5/21/01; v.1.1
Alliance Semiconductor
P. 28 of 29
AS4LC2M8S1
AS4LC1M16S1
Package dimensions
AC test conditions
Capacitance 15
ƒ = 1 MHz, Ta = 25° C, VCC = 3.3V
Ordering information
Parameter
Symbol
Signals
Max
Unit
Input capacitance
CIN1
A0 to A11
4
pF
CIN2
DQM, RAS, CAS, WE, CS, CLK, CKE,
4
pF
I/O capacitance
CI/O
DQ0 to DQ7 (2M × 8)
DQ0 to DQ15 (1M × 16)
5pF
Package \1/ frequency
–7 ns
–8 ns
–10 ns
TSOP 2, 400 mil, 44-pin
AS4LC2M8S1-7TC
AS4LC2M8S1-8TC
AS4LC2M8S1-10TC
TSOP 2, 400 mil, 44-pin
AS4LC2M8S0-7TC
AS4LC2M8S0-8TC
AS4LC2M8S0-10TC
TSOP 2, 400 mil, 50-pin
AS4LC1M16S1-7TC
AS4LC1M16S1-8TC
AS4LC1M16S1-10TC
TSOP 2, 400 mil, 50-pin
AS4LC1M16S0-7TC
AS4LC1M16S0-8TC
AS4LC1M16S0-10TC
44-pin TSOP 2
50-pin TSOP 2
Min
(mm)
Max
(mm)
Min
(mm)
Max
(mm)
A–
1.2
1.2
A1
0.05
–
0.05
A2
0.95
1.05
0.95
1.05
b
0.300.450.300.45
c
0.127 (typical)
0.12
0.21
D
18.28
18.54
20.85
21.05
E
10.03
10.29
10.03
10.29
He
11.56
11.96
11.56
11.96
e
0.80 (typical)
0.80 (typical)
l
0.400.600.400.60
D
He
12 3 4 5 6 7 8 9 1011 12 13 14
50 494847 4645 444342 4140 393837
1516
36 35
171819 20
343332 31
c
l
A1
A2
e
TSOP 2
0–5°
21
30
2223 2425
29 28 2726
E
A
b
- Output reference levels = 1.4V
- Input rise and fall times: 2 ns
CLOAD = 50 pF
DOUT
+1.5V
Figure A: Equivalent output load
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com