Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S0 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S0
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S0 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC2M8S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
®
AS4LC2M8S1
AS4LC1M16S1
5/21/01; v.1.1
Alliance Semiconductor
P. 7 of 29
DC electrical characteristics
CL = CAS latency.
Parameter
Symbol
Test conditions
–7
–8
–10
Unit Notes
Min Max Min Max Min Max
Input leakage current
IIL
0V
≤ V
IN ≤ VCC,
Pins not under test = 0V
–5
+5
–5
+5
–5
+5
µA
Output leakage
current
IOL
DOUT disabled, 0V ≤ VOUT ≤ VCCQ
–10 +10 –10 +10 –10 +10 µA
Operating current
(one bank active)
ICC1
tRC ≥ min, IO = 0mA,
burst length = 1
CL =3
–140
–100
–100 mA
1,3,
4,5
Precharge standby
current (power
down mode)
ICC2P
CKE
≤ V
IL(max), tCK = 15 ns
–2.0
–2.0
–2.0
mA
ICC2PS
CKE and CLK
≤ V
IL(max), tCK = ∞
–2.0
–2.0
–2.0
mA
Precharge standby
current (non-power-
down mode)
ICC2N
CS
≥ V
IH(min), CKE ≥ VIH(min),
tCK = 15 ns; input signals changed
once during 30 ns
–30–30
–30
mA 1,2,3
ICC2NS
CLK
≤ V
IL(max), CKE ≥ VIH(min),
tCK = ∞; input signals stable
–6
–6
–6
mA 1,2,3
Active standby
current (power-
down mode)
ICC3P
CKE
≤ V
IL(max), tCK = 15 ns
–
2
–
2
–
2
mA 1,2,3
ICC3PS
CLK, CKE
≤ V
IL(max), tCK = ∞
–2
–2
–2
mA 1,2,3
Active standby
current (non-power-
down mode, one
bank active)
ICC3N
CKE
≥ V
IH(min), CS ≥ VIH(min),
tCK = 15 ns; input signals changed
once during 30 ns
–35–35
–35
mA 1,2,3
ICC3NS
CKE
≥ V
IH(min), CLK ≥ VIL(max),
tCK = ∞; input signals stable
–10–10
–10
mA 1,2,3
Operating current
(burst mode)
ICC4
IO = 0 mA
Page burst
All banks activated
tCCD = tCCD(min)
CL =3
140
–
130
–
120
mA
1,2,
3,5
CL =2
125
–
115
–
100
CL =1
80
–
70
–
70
Refresh current
ICC5
tRC ≥ tRC(min)
100
–
90
–
80
mA
1,2,
3,5
Self refresh current
ICC6
CKE
≤ 0.2 V
2–
2–
2
mA
1–
1–
1
mA
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com