Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8083476 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8083476
Description  Ball Screw axis unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083476 Datasheet(HTML) 1 Page - Festo Corporation.

  8083476 Datasheet HTML 1Page - Festo Corporation. 8083476 Datasheet HTML 2Page - Festo Corporation. 8083476 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ball Screw axis unit
ELGS-BS-KF-45-800-10P-ST-M-H1-PLK-AA
Part number: 8083476
Data sheet
Feature
Value
Working stroke
800 mm
Size
45
Stroke reserve
0 mm
Screw diameter
10 mm
Spindle pitch
10 mm/U
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with ball screw
With integrated drive
Motor type
Stepper motor
Spindle type
Ball screw drive
Symbol
00997292
Position sensing
Motor encoder
For proximity sensor
Homing
Fixed stop block positive
Fixed stop block, negative
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor measuring principle
Magnetic
Temperature monitoring
Shutdown in the event of over temperature
Integrated precise CMOS temperature sensor with analogue output
Additional functions
User interface
Integrated end-position sensing
Display
LED
Ready status indication
LED
Max. acceleration
5 m/s²
Max. speed
0.25 m/s
Repetition accuracy
±0.015 mm
Characteristics of digital logic outputs
Configurable
Not galvanically isolated
Duty cycle
100%
Insulation protection class
B
Max. current of digital logic outputs
100 mA
Max. current consumption
3000 mA
DC nominal voltage
24 V
Nominal current
3 A
Parameterization interface
IO-Link®
User interface
5/2/22 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8083476

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083470 FESTO-8083470 Datasheet
116Kb / 3P
Ball Screw axis unit
5/2/22
8083471 FESTO-8083471 Datasheet
114Kb / 3P
Ball Screw axis unit
5/2/22
8083472 FESTO-8083472 Datasheet
112Kb / 3P
Ball Screw axis unit
5/2/22
8083473 FESTO-8083473 Datasheet
108Kb / 3P
Ball Screw axis unit
5/2/22
8083474 FESTO-8083474 Datasheet
116Kb / 3P
Ball Screw axis unit
5/2/22
More results

Similar Description - 8083476

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083383 FESTO-8083383 Datasheet
115Kb / 3P
Ball Screw axis unit
5/2/22
8083385 FESTO-8083385 Datasheet
113Kb / 3P
Ball Screw axis unit
5/2/22
8083387 FESTO-8083387 Datasheet
109Kb / 3P
Ball Screw axis unit
5/2/22
8083388 FESTO-8083388 Datasheet
108Kb / 3P
Ball Screw axis unit
5/2/22
8083424 FESTO-8083424 Datasheet
115Kb / 3P
Ball Screw axis unit
5/2/22
8083426 FESTO-8083426 Datasheet
111Kb / 3P
Ball Screw axis unit
5/2/22
8083429 FESTO-8083429 Datasheet
106Kb / 3P
Ball Screw axis unit
5/2/22
8083430 FESTO-8083430 Datasheet
103Kb / 3P
Ball Screw axis unit
5/2/22
8083472 FESTO-8083472 Datasheet
112Kb / 3P
Ball Screw axis unit
5/2/22
8083474 FESTO-8083474 Datasheet
116Kb / 3P
Ball Screw axis unit
5/2/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com