Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8083476 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8083476
Description  Ball Screw axis unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083476 Datasheet(HTML) 2 Page - Festo Corporation.

  8083476 Datasheet HTML 1Page - Festo Corporation. 8083476 Datasheet HTML 2Page - Festo Corporation. 8083476 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Rotor position sensor resolution
16 bit
Permissible voltage fluctuations
+/- 15 %
Power supply, type of connection
Plug
Power supply, connection technology
M12x1, T-coded as per EN 61076-2-111
Power supply, number of pins/wires
4
Power supply, connection pattern
00995989
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
LABS conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP40
Protection class
III
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 30°C, the power must be reduced by
2% per K.
2nd moment of area Iy
140000
mm⁴
2nd moment of area Iz
170000
mm⁴
Max. force Fy
300 N
Max. force Fz
600 N
Fy with theoretical service life of 100 km (from a guide perspective only) 1104 N
Fz with theoretical service life of 100 km (from a guide perspective only) 2208 N
Max. torque Mx
5.5 Nm
Max. torque My
4.7 Nm
Max. torque Mz
4.7 Nm
Mx with theoretical service life of 100 km (from a guide perspective
only)
20 Nm
My with theoretical service life of 100 km (from a guide perspective
only)
17 Nm
Mz with theoretical service life of 100 km (from a guide perspective only) 17 Nm
Max. feed force Fx
100 N
Guide value for payload, horizontal
10 kg
Guide value for payload, vertical
5 kg
Torsion moment of inertia It
8500
mm⁴
Feed constant
10 mm/U
Moving mass
220 g
Product weight
4234 g
Dynamic deflection (load moved)
0.05% of axis length, maximum 0.5 mm
Static deflection (load at standstill)
0.1 % of axis length
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Logic input specification
Based on IEC 61131-2, type 1
Work range of logic input
24 V
IO-Link®, SIO mode support
Yes
Characteristics of logic input
Configurable
Not galvanically isolated
IO-Link®, protocol version
Device V 1.1
IO-Link®, communication mode
COM3 (230.4 kBd)
5/2/22 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com