Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM5065L4BTL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NFAM5065L4BTL
Description  Intelligent Power Module (IPM), 650 V, 50 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM5065L4BTL Datasheet(HTML) 2 Page - ON Semiconductor

  NFAM5065L4BTL Datasheet HTML 1Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 2Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 3Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 4Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 5Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 6Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 7Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 8Page - ON Semiconductor NFAM5065L4BTL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NFAM5065L4BTL
www.onsemi.com
2
APPLICATION SCHEMATIC
Figure 2. Application Schematic − Adjustable Option
HIN(U) (6)
HVIC1
VDD(UH) (4)
VB(U) (3)
VS(U) (1)
LIN(V) (22)
VTS (20)
LIN(U) (21)
VTH (38)
U (36)
P (37)
V (35)
W (34)
NU (33)
NV (32)
NW (31)
RTH (39)
* NTC Thermistor
VS
HIN
VDD
VB
VSS
HOUT
HIN(V) (12)
HVIC2
VDD(VH) (10)
VB(V) (9)
VS(V) (7)
VS
VB
VSS
HOUT
HIN(W) (18)
HVIC3
VDD(WH) (16)
VB(W) (15)
VS(W) (13)
VS
VB
VSS
HOUT
LVIC
OUT(U)
OUT(V)
OUT(W)
LIN(W) (23)
VFO (24)
CFOD (25)
CIN (26)
VSS (27)
VDD(L) (28)
VTS
LIN(U)
LIN(V)
LIN(W)
VFO
CFOD
CIN
VSS
VDD
+
C1
Phase current
Motor
CS
MCU
Signal for over current trip
HIN
VDD
HIN
VDD
5V line
15V line
5V line



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com