| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NFAM3065L4BT
|
286Kb / 10P |
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1 |
|
NFAQ0860L36T
|
510Kb / 14P |
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0 |
|
NFL25065L4BT
|
546Kb / 11P |
SPM 2 32 Series Intelligent Power Module (IPM) Interleaved PFC, 650 V, 50 A
May, 2019 ??Rev. 1 |
|
NFAM2065L4B
|
454Kb / 9P |
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1 |
|
NFAM2065L4BT
|
285Kb / 10P |
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1 |
|
NFAM3065L4B
|
388Kb / 10P |
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1 |
|
NFAM5065L4B
|
457Kb / 10P |
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1 |
|
NFAM3065L4BL
|
410Kb / 11P |
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1 |
|
NFAM3065L4BTL
|
262Kb / 10P |
Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0 |
|
NFAM5065L4BT
|
292Kb / 10P |
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1 |