Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM5065L4BT Datasheet (PDF) - ON Semiconductor

NFAM5065L4BT Datasheet PDF - ON Semiconductor
Part # NFAM5065L4BT
Download  NFAM5065L4BT Download
File Size   292.15 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM), 650 V, 50 A

NFAM5065L4BT Datasheet (PDF)

Go To PDF Page Download Datasheet
NFAM5065L4BT Datasheet PDF - ON Semiconductor

Part # NFAM5065L4BT
Download  NFAM5065L4BT Click to download

File Size   292.15 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM), 650 V, 50 A

NFAM5065L4BT Datasheet (HTML) - ON Semiconductor




Similar Part No. - NFAM5065L4BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM5065L4BTL ONSEMI-NFAM5065L4BTL Datasheet
267Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
August, 2021 ??Rev. 0
More results


Similar Description - NFAM5065L4BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFL25065L4BT ONSEMI-NFL25065L4BT Datasheet
546Kb / 11P
SPM 2 32 Series Intelligent Power Module (IPM) Interleaved PFC, 650 V, 50 A
May, 2019 ??Rev. 1
NFAM2065L4B ONSEMI-NFAM2065L4B Datasheet
454Kb / 9P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM5065L4B ONSEMI-NFAM5065L4B Datasheet
457Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
NFAM3065L4BTL ONSEMI-NFAM3065L4BTL Datasheet
262Kb / 10P
Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0
NFAM5065L4BTL ONSEMI-NFAM5065L4BTL Datasheet
267Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
August, 2021 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com