Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM2065L4B Datasheet (PDF) - ON Semiconductor

NFAM2065L4B Datasheet PDF - ON Semiconductor
Part # NFAM2065L4B
Download  NFAM2065L4B Download
File Size   454.37 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM) 650 V, 20 A

NFAM2065L4B Datasheet (PDF)

Go To PDF Page Download Datasheet
NFAM2065L4B Datasheet PDF - ON Semiconductor

Part # NFAM2065L4B
Download  NFAM2065L4B Click to download

File Size   454.37 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM) 650 V, 20 A

NFAM2065L4B Datasheet (HTML) - ON Semiconductor




Similar Part No. - NFAM2065L4B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
More results


Similar Description - NFAM2065L4B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM5065L4B ONSEMI-NFAM5065L4B Datasheet
457Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
NFAM3065L4BTL ONSEMI-NFAM3065L4BTL Datasheet
262Kb / 10P
Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0
NFAM5065L4BT ONSEMI-NFAM5065L4BT Datasheet
292Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM5065L4BTL ONSEMI-NFAM5065L4BTL Datasheet
267Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
August, 2021 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com