Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1560R43TL Datasheet(PDF) 7 Page - ON Semiconductor

Part # NFAQ1560R43TL
Description  Intelligent Power Module (IPM) 600 V, 15 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1560R43TL Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NFAQ1560R43TL Datasheet HTML 3Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 4Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 5Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 6Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 7Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 8Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 9Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 10Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NFAQ1560R43TL
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. VCE versus IC for Different Temperatures
(VDD = 15 V)
Figure 5. VF versus IF for Different Temperatures
Figure 6. EON versus IC for Different Temperatures
Figure 7. EOFF versus IC for Different Temperatures
VCE, Collector−Emitter Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VF, Forward Voltage (V)
IC, Collector Current (A)
IC, Collector Current (A)
Figure 8. Thermal Impedance Plot (IGBT)
Figure 9. Thermal Impedance Plot (FRD)
ON−Pulse Width (s)
ON−Pulse Width (s)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 100°C
0
5
10
15
20
25
30
TJ = 100°C
TJ = 25°C
0
500
1,000
1,500
2,000
2,500
3,000
3,500
4,000
0
5
10
15
20
25
30
TJ = 100°C
TJ = 25°C
VPN = 300 V
VDD = 15 V
0
500
1,000
1,500
2,000
0
5
10
15
20
25
30
VPN = 300 V
VDD = 15 V
TJ = 100°C
TJ = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
0.0
0.2
0.4
0.6
0.8
1.0
0.000001 0.00001
0.0001
0.001
0.01
0.1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com