Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1560R43TL Datasheet(PDF) 9 Page - ON Semiconductor

Part # NFAQ1560R43TL
Description  Intelligent Power Module (IPM) 600 V, 15 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1560R43TL Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NFAQ1560R43TL Datasheet HTML 5Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 6Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 7Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 8Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 9Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 10Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 11Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 12Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NFAQ1560R43TL
www.onsemi.com
9
APPLICATIONS INFORMATION
Input / Output Timing Chart
Figure 12. Input / Output Timing Chart
NOTES:
1. This section of the timing diagram shows the effect of cross−conduction prevention.
2. This section of the timing diagram shows that when the voltage on VDD decreases sufficiently all gate output signals will go
low, switching off all six IGBTs. When the voltage on VDD rises sufficiently, normal operation will resume.
3. This section shows that when the bootstrap voltage on VB(U) (VB(V), VB(W)) drops, the corresponding high side output
U (V, W) is switched off. When the voltage on VB(U) (VB(V), VB(W)) rises sufficiently, normal operation will resume.
4. This section shows that when the voltage on ITRIP exceeds the threshold, all IGBTs are turned off. Normal operation
resumes later after the over−current condition is removed.
5. After VDD has risen above the threshold to enable normal operation, the driver waits to receive an input signal on the LIN
input before enabling the driver for the HIN signal.
FAULT driven output
(with pull−up)
HIN
LIN
Upper IGBT
Gate Drive
VB(U), VB(V), VB(W)
VDD
VBS undervoltage protection reset signal
ITRIP
Automatic reset after protection(Fault−Output Pulse Width)
SD driven input
(with pull−up)
Lower IGBT
Gate Drive
Note4
VIT < 0.44V
VIT w0.54V
VDD undervoltage protection reset voltage (Note 2)
VBS undervoltage protection reset voltage(Note 3)
Cross−conduction prevention period(Note 1)
()
HIN is disabled until LIN receives input (Note 5)
Table 1. INPUT / OUTPUT LOGIC TABLE
INPUT
OUTPUT
HIN
LIN
ITRIP
SD
High side IGBT
Low side IGBT
U,V,W
FAULT
H
L
L
H
ON (Note 5)
OFF
P
OFF
L
H
L
H
OFF
ON
NU,NV,NW
OFF
L
L
L
H
OFF
OFF
High Impedance
OFF
H
H
L
H
OFF
OFF
High Impedance
OFF
X
X
H
X
OFF
OFF
High Impedance
ON
X
X
L
L
OFF
OFF
High Impedance
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com