Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1672C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1672C/D
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1672C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
_______________________________________________________________________________________
9
Capacitor Selection
The equivalent series resistance (ESR) of both bypass
and filter capacitors affects efficiency and output rip-
ple. Output voltage ripple is the product of peak induc-
tor current and filter capacitor ESR. Use low-ESR
capacitors for best performance, or connect two or
more filter capacitors in parallel.
A 100µF, 16V, input bypass capacitor (C1) with low
ESR reduces peak battery currents and reflected noise
due to inductor current ripple. Smaller ceramic capaci-
tors may also be used for light loads or in applications
that can tolerate higher input ripple.
A 100µF, 16V, surface-mount (SMT) tantalum PS filter
capacitor (C2) with 0.1
Ω ESR typically exhibits 20mV
output ripple (at OUT) when stepping up from 2V to 5V
at 100mA load. Smaller capacitors (down to 10µF with
higher ESR) are acceptable for light loads or in applica-
tions that can tolerate higher output ripple.
Only 4.7µF is needed at OUT (C4) to maintain linear
regulator stability. During boost operation, this capaci-
tor reduces output voltage spikes from the step-up con-
verter by forming an R-C lowpass filter along with the
P-channel MOSFET on-resistance. Output ripple can be
further reduced by increasing C4.
See Tables 4 and 5 for a list of suggested capacitors
and suppliers.
Diode Selection
The MAX1672’s high switching frequency demands a
high-speed rectifier. Schottky diodes, such as the
1N5817 or MBRS130T3, are recommended. Make sure
the diode’s current rating exceeds the maximum load
current. See Tables 4 and 5 for a list of suggested
diodes and suppliers.
Table 3. Suggested Inductor Values
Table 4. Suggested Components
ILIM
INDUCTOR VALUE
(µH)
0 (5V)
0 (0.5A)
10 to 22
0 (5V)
1 (0.8A)
10
3/
5
1 (3.3V)
0 (0.5A)
10
1 (3.3V)
1 (0.8A)
4.7 to 10
INDUCTORS
Sumida
CD43-100 (1.04A, 0.182
Ω)
CD54-100 (1.44A, 0.100
Ω)
CDRH73-100 (1.68A, 0.072
Ω)
L1
10µH
Coilcraft
DT1608C-103 (0.7A, 0.095
Ω)
CAPACITORS
AVX
TPSE Series
Sprague
593D or 595D Series
Tantalum
DIODES
Motorola
MBRS130LT3 (1.0A, 30V)
MBR0520LT3 (0.5A, 20V)
Schottky
1N5817 Equivalent
International Rectifier
10BQ40 (1.0A, 40V)
Table 5. Component Suppliers
PHONE
AVX
(803) 946-0690
Coilcraft
(847) 639-6400
SUPPLIER
International
Rectifier
(310) 322-3331
Motorola
(602) 303-5454
FAX
(803) 626-3123
(847) 639-1469
(310) 322-3332
(602) 994-6430
Sanyo
(619) 661-6835
(619) 661-1055
Sprague
(603) 224-1961
(603) 224-1430
Sumida
(847) 956-0666
(847) 956-0702



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com