Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1672C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1672C/D
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1672C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________General Description
The MAX1672 integrates a step-up DC-DC converter with a
linear regulator to provide step-up/down voltage conver-
sion. This device provides a constant output voltage for
inputs that vary above and below the output voltage. It has
a 1.8V to 11V input range and a preset 3.3V or 5V output.
The output can also be set from 1.25V to 5.5V using two
resistors. Typical efficiency is 85%.
The MAX1672’s step-up/linear-regulator configuration per-
mits the use of a single, physically smaller inductor than
can be used with competing SEPIC and flyback configura-
tions. Switch current is also selectable, permitting the use
of smaller inductors in low-current applications. The linear
regulator also acts as a filter to reduce output ripple voltage.
The MAX1672 has a low 85µA quiescent supply current, which
is further reduced to 0.1µA in logic-controlled shutdown. The
output voltage is disconnected from the input in shutdown.
The MAX1672 also has a PGI/PGO low-battery detector.
The MAX1672 comes in a 16-pin QSOP package (same size
as a standard 8-pin SO). For a larger device that delivers more
output current, refer to the MAX710/MAX711. The preassem-
bled MAX1672 evaluation kit is available to speed designs.
________________________Applications
Single-Cell, Lithium-Powered
2-Cell to 4-Cell AA Alkaline
Portable Devices
Hand-Held Equipment
3.3V and Other Low-Voltage
Battery-Powered Devices
Systems
with AC Input Adapters
Digital Cameras
____________________________Features
o Step-Up/Down Voltage Conversion
o 1.8V to 11V Input Range
o 3.3V/5V or Adjustable Output Voltage Range
o Output Current:
300mA at 5V (VIN
≥ 2.5V)
150mA at 5V (VIN
≥ 1.8V)
o Smaller Inductor than SEPIC and Flybacks
o Load Disconnects from Input in Shutdown
o Supply Current from Battery:
85µA (No-Load)
0.1µA (Shutdown)
o PGI/
PGO Low-Battery Comparator
o 16-Pin QSOP Package
(Same Footprint as 8-pin SO)
o No External FETs Required
o Thermal and Short-Circuit Protection
Step-Up/Down DC-DC Converter
in QSOP Package
________________________________________________________________ Maxim Integrated Products
1
19-1307; Rev 2; 11/02
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
*Dice are tested at TA = +25°C.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LX
LX
PGND
GND
REF
IN
PS
FB
OUT
TOP VIEW
MAX1672
QSOP
PGND
ONA
ILIM
PGO
PGI
3/5
ONB
Pin Configuration
MAX1672
IN
ONA
PGI
ONB
OFF
ON
PGND
GND
PS
3.3V/5V
OUTPUT
INPUT
1.8V TO 11V
LOW-BATTERY
DETECTOR
OUTPUT
OUT
PG0
FB
REF
LX
OFF
3/5
ILIM
5V
0.8A
ON
3.3V
0.5A
Typical Operating Circuit
PART
MAX1672C/D
MAX1672EEE
-40°C to +85°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
Dice*
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1672C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1672C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
logo
Linear Technology
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com